Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5012A Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5012A
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A Datasheet(HTML) 2 Page - Cirrus Logic

  CS5012A Datasheet HTML 1Page - Cirrus Logic CS5012A Datasheet HTML 2Page - Cirrus Logic CS5012A Datasheet HTML 3Page - Cirrus Logic CS5012A Datasheet HTML 4Page - Cirrus Logic CS5012A Datasheet HTML 5Page - Cirrus Logic CS5012A Datasheet HTML 6Page - Cirrus Logic CS5012A Datasheet HTML 7Page - Cirrus Logic CS5012A Datasheet HTML 8Page - Cirrus Logic CS5012A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
CS5012A
CS5012A ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 2.5V to 4.5V; fclk = 6.4 MHz for -7, 4 MHz for -12; Analog Source Impedance = 200
Ω)
CS5012A
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Accuracy
Linearity Error
(Note 1)
Drift
(Note 2)
±1/4
±1/8
±1/2
LSB12
∆LSB12
Differential Linearity
(Note 1)
Drift
(Note 2)
±1/4
±1/32
±1/2
LSB12
∆LSB12
Full Scale Error
(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Unipolar Offset
(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Bipolar Offset
(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Bipolar Negative Full-Scale Error(Note 1)
Drift
(Note 2)
±1/4
±1/16
±1/2
LSB12
∆LSB12
Total Unadjusted Error
(Note 1)
Drift
(Note 2)
±1/4
±1/4
LSB12
∆LSB12
Dynamic Performance (Bipolar Mode)
Peak Harmonic or
(Note 1)
Spurious Noise
Full Scale, 1 kHz Input
Full Scale, 12 kHz Input
84
84
92
88
dB
dB
Total Harmonic Distortion
0.008
%
Signal-to-Noise Ratio
(Note 1)
1 kHz, 0 dB Input
1 kHz, -60 dB Input
72
73
13
dB
dB
Noise
(Note 3)
Unipolar Mode
Bipolar Mode
45
90
µVrms
µVrms
Notes: 1. Applies after calibration at any temperature within the specified temperature range.
2. Total drift over specified temperature range since calibration at power-up at 25 °C
3. Wideband noise aliased into the baseband. Referred to the input.
* Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
2-8
DS14F8
CS5012A CS5014 CS5016
2
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com