Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5012A Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5012A
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5012A Datasheet HTML 32Page - Cirrus Logic CS5012A Datasheet HTML 33Page - Cirrus Logic CS5012A Datasheet HTML 34Page - Cirrus Logic CS5012A Datasheet HTML 35Page - Cirrus Logic CS5012A Datasheet HTML 36Page - Cirrus Logic CS5012A Datasheet HTML 37Page - Cirrus Logic CS5012A Datasheet HTML 38Page - Cirrus Logic CS5012A Datasheet HTML 39Page - Cirrus Logic CS5012A Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
CS5012A CS5014 CS5016
DS14F9
39
4. ORDERING INFORMATION
5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JDEC J-STD-020.
Model
Conversion Time
Throughput
Linearity
Temperature
Package
CS5012A-BL7
7.2
µs100 kSps
±½ LSB
-40 to +85 °C
44-pin PLCC
CS5012A-BL7Z (lead free)
CS5014-BL14
14.25
µs
56 kSps
CS5014-BL14Z (lead free)
Model
Conversion Time
S/N Ratio
Linearity
Temperature
Package
CS5016-BL16
16.25
µs
90 dB
0.0015%
-40 to +85 °C
44-pin PLCC
CS5016-BL16Z (lead free)
Model
Peak Relfow Temp
MSL Rating*
Maximum Floor Life
CS5012A-BL7
225 °C
2
365 Days
CS5012A-BL7Z (lead free)
260 °C
CS5014-BL14
225 °C
2
CS5014-BL14Z (lead free)
260 °C
CS5016-BL16
225 °C
2
CS5016-BL16Z (lead free)
260 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com