Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCN Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ADC0803LCN
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803LCN Datasheet(HTML) 3 Page - Renesas Technology Corp

  ADC0803LCN Datasheet HTML 1Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 2Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 3Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 4Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 5Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 6Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 7Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 8Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 3 of 17
August 2002
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Voltage at Any Input. . . . . . . . . . . . . . . . . . . . . . -0.3V to (V+ +0.3V)
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
JA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . .300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
(Notes 2, 8)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CONVERTER SPECIFICATIONS
V+ = 5V, TA = 25oC and fCLK = 640kHz, Unless Otherwise Specified
Total Unadjusted Error
ADC0803
VREF/2 Adjusted for Correct Full Scale Reading
-
-
1/2
LSB
ADC0804
VREF/2 = 2.500V
-
-
1LSB
VREF/2 Input Resistance
Input Resistance at Pin 9
1.0
1.3
-
k
Analog Input Voltage Range
(Note 3)
GND-0.05
-
(V+) + 0.05
V
DC Common-Mode Rejection
Over Analog Input Voltage Range
-
1
/16
1
/8
LSB
Power Supply Sensitivity
V+ = 5V
10% Over Allowed Input Voltage
Range
-
1
/16
1
/8
LSB
CONVERTER SPECIFICATIONS
V+ = 5V, 0oC to 70oC and fCLK = 640kHz, Unless Otherwise Specified
Total Unadjusted Error
ADC0803
VREF/2 Adjusted for Correct Full Scale Reading
-
-
1/2
LSB
ADC0804
VREF/2 = 2.500V
-
-
1LSB
VREF/2 Input Resistance
Input Resistance at Pin 9
1.0
1.3
-
k
Analog Input Voltage Range
(Note 3)
GND-0.05
-
(V+) + 0.05
V
DC Common-Mode Rejection
Over Analog Input Voltage Range
-
1
/8
1
/4
LSB
Power Supply Sensitivity
V+ = 5V
10% Over Allowed Input Voltage
Range
-
1
/16
1
/8
LSB
AC TIMING SPECIFICATIONS
V+ = 5V, and TA 25oC, Unless Otherwise Specified
Clock Frequency, fCLK
V+ = 6V (Note 4)
100
640
1280
kHz
V+ = 5V
100
640
800
kHz
Clock Periods per Conversion (Note 5),
tCONV
62
-
73
Clocks/Conv
Conversion Rate In Free-Running Mode, CR INTR tied to WR with CS = 0V, fCLK = 640kHz
-
-
8888
Conv/s
Width of WR Input (Start Pulse Width),
tW(WR)I
CS = 0V (Note 6)
100
-
-
ns
Access Time (Delay from Falling Edge of
RD to Output Data Valid), tACC
CL = 100pF (Use Bus Driver IC for Larger CL)
-
135
200
ns
Three-State Control (Delay from Rising
Edge of RD to Hl-Z State), t1H, t0H
CL = 10pF, RL= 10K
(See Three-State Test Circuits)
-
125
250
ns
Delay from Falling Edge of WR to Reset of
INTR, tWI, tRI
-
300
450
ns
Input Capacitance of Logic Control Inputs,
CIN
-5
-
pF
Three-State Output Capacitance (Data
Buffers), COUT
-5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com