Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCN Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ADC0803LCN
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803LCN Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ADC0803LCN Datasheet HTML 6Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 7Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 8Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 9Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 10Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 11Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 12Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 13Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 10 of 17
August 2002
applied to the VlN(-) pin to absorb the offset, the reference
voltage can be made equal to 1/2 of the 3V span or 1.5V. The
A/D now will encode the VlN(+) signal from 0.5V to 3.5V with the
0.5V input corresponding to zero and the 3.5V input
corresponding to full scale. The full 8 bits of resolution are
therefore applied over this reduced analog input voltage range.
The requisite connections are shown in Figure 13. For
expanded scale inputs, the circuits of Figures 14 and 15 can be
used.
Reference Accuracy Requirements
The converter can be operated in a pseudo-ratiometric mode
or an absolute mode. In ratiometric converter applications, the
magnitude of the reference voltage is a factor in both the
output of the source transducer and the output of the A/D
converter and therefore cancels out in the final digital output
code. In absolute conversion applicatIons, both the initial value
and the temperature stability of the reference voltage are
important accuracy factors in the operation of the A/D
converter. For VREF/2 voltages of 2.5V nominal value, initial
errors of
10mV will cause conversion errors of 1 LSB due to
the gain of 2 of the VREF/2 input. In reduced span applications,
the initial value and the stability of the VREF/2 input voltage
become even more important. For example, if the span is
reduced to 2.5V, the analog input LSB voltage value is
correspondingly reduced from 20mV (5V span) to 10mV and 1
LSB at the VREF/2 input becomes 5mV. As can be seen, this
reduces the allowed initial tolerance of the reference voltage
and requires correspondingly less absolute change with
temperature variations. Note that spans smaller than 2.5V
place even tighter requirements on the initial accuracy and
stability of the reference source.
In general, the reference voltage will require an initial
adjustment. Errors due to an improper value of reference
voltage appear as full scale errors in the A/D transfer function.
FIGURE 12. THE VREFERENCE DESIGN ON THE IC
FIGURE 13. OFFSETTING THE ZERO OF THE ADC080X AND
PERFORMING AN INPUT RANGE (SPAN)
ADJUSTMENT
V+
DGND
VREF/2
AGND
(VREF)
R
R
DIGITAL
CIRCUITS
ANALOG
CIRCUITS
9
810
20
DECODE
300
TO VREF/2
TO VIN(-)
ZERO SHIFT VOLTAGE
0.1
F
5V
-
+
VREF
(5V)
FS
ADJ.
“SPAN”/2
ICL7611
FIGURE 14. HANDLING
10V ANALOG INPUT RANGE
FIGURE 15. HANDLING
5V ANALOG INPUT RANGE
VIN(-)
2R
5V
2R
VIN 10V
R
VIN(+)
(VREF)
V+
20
10
F
6
7
+
ADC0803-
ADC0804
VIN(-)
R
5V
VIN 5V
R
VIN(+)
(VREF)
V+
20
10
F
6
7
+
ADC0803-
ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com