Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7584 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL7584
Description  4-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7584 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL7584 Datasheet HTML 7Page - Renesas Technology Corp EL7584 Datasheet HTML 8Page - Renesas Technology Corp EL7584 Datasheet HTML 9Page - Renesas Technology Corp EL7584 Datasheet HTML 10Page - Renesas Technology Corp EL7584 Datasheet HTML 11Page - Renesas Technology Corp EL7584 Datasheet HTML 12Page - Renesas Technology Corp EL7584 Datasheet HTML 13Page - Renesas Technology Corp EL7584 Datasheet HTML 14Page - Renesas Technology Corp EL7584 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EL7584
FN7317 Rev 2.00
Page 11 of 16
February 4, 2005
Single Stage Charge Pump
Positive Charge Pump Design Considerations
A single stage charge pump is shown above. The maximum
VON output voltage is determined by the following equation:
where:
•RONN and RONP resistance values depend on the VDDP
voltage levels. For 12V supply, RON is typically 33. For
6V supply, RON is typically 45.
If additional stage is required, the LX switching signal is
recommended to drive the additional charge pump diodes.
The drive impedance at the LX switching is typically 150m
.
The figure below illustrates an implementation for two-stage
positive charge pump circuit.
-
+
+
-
OSC
-
+
R21
R22
VREF
3.3µF
0.1µF
5V TO
17V
VDDN
DRVN
VSSN
VDDP
DRVP
VSSP
FBP
FBN
VFBP
R11
R12
2.2µF
0.1µF
5V TO
17V
VOFF
VON
RON IS 30 - 40 FOR VDD 6V TO 12V
RONP
RONN
RONP
RONN
COUT2
CCPN
CCPP
COUT1
VON max
 2V
DDCPP - IOUT
2RONN
RONP - 2 VDIODE - IOUT
1
0.5 FS CCPP
--------------------------------------------
+
- IOUT
1
0.5 FS COUT1
------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com