Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7584 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL7584
Description  4-Channel DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7584 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL7584 Datasheet HTML 8Page - Renesas Technology Corp EL7584 Datasheet HTML 9Page - Renesas Technology Corp EL7584 Datasheet HTML 10Page - Renesas Technology Corp EL7584 Datasheet HTML 11Page - Renesas Technology Corp EL7584 Datasheet HTML 12Page - Renesas Technology Corp EL7584 Datasheet HTML 13Page - Renesas Technology Corp EL7584 Datasheet HTML 14Page - Renesas Technology Corp EL7584 Datasheet HTML 15Page - Renesas Technology Corp EL7584 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EL7584
FN7317 Rev 2.00
Page 13 of 16
February 4, 2005
Two-Stage Negative Charge Pump Circuit
The maximum VOFF output voltage for N+1 stage charge pump is:
R21 and R22 determine VOFF output voltage:
where VREF is 1.310V.
The VCOM Buffer
The VCOM buffer is designed to control the voltage on the
back plane of an LCD display. This plane is capacitively
coupled to the pixel drive voltage which alternately cycles
positive and negative at the line rate for the display. Thus the
amplifier must be capable of sourcing and sinking capacitive
pulses of current, which can occasionally be quite large (a
few 100mA for typical applications).
The use of the VCOM Buffer is illustrated in Figure 21. Here,
a voltage, corresponding to the mid-DAC potential, is
generated by a resistive divider and buffered by the
amplifier. The amplifier's stability is designed to be
dominated by the load capacitance, thus for very short
duration pulses (< 1µs) the output capacitor supplies the
current. For longer pulses the VCOM buffer supplies the
current. By virtue of its high transconductance which
progressively increases as more current is drawn, it can
maintain regulation within 5mV as currents up to 50mA are
drawn, while consuming only 1.5mA of quiescent current.
If VBOOST exceeds 15V, VDDC must be protected from over-
voltage by including a zener diode between VBOOST and
VDDC.
As with any high performance buffer, there are several
design issues that must be considered when using the part.
These are summarized below.
Good Decoupling of Power Supplies
This is essential for this component and 1µF ceramic low
ESR decoupling capacitors are recommended. These
should be placed close to the pins.
Choice of Output Capacitor
A 1µF ceramic capacitor with low ESR (X5R or X7R type) is
recommended for this amplifier. This capacitor determines
the stability of the amplifier. Reducing it will make the
amplifier less stable, and should be avoided. With a 1µF
capacitor, the unity gain bandwidth of the amplifier is close to
-
+
VSSN
DRVN
FBN
VDDN
CCPN
COUT2
VLX
COUT2
R21
R22
CCPN
VREF
VOFF
5V-17V
RONN
RONP
VOFF max
 I
OUT
2RONN
RONP 2VDIODE - IOUT
1
0.5 FS CCPN
--------------------------------------------
++
- IOUT
1
0.5 FS COUT2
------------------------------------------------ -
VDDN
- N VLX max
 N2 V
DIODE
IOUT
1
0.5 FS CCPN
--------------------------------------------
+
+
IOUT
1
0.5 FS COUT2
------------------------------------------------
+
VOFF
-VREF
R21
R22
----------
=
-
+
R32
R31
VBOOST
VCOM
1µF
CERAMIC
LOW ESR
INC
VCOM
VDDC
VSSC
FIGURE 21. VCOM USED AS A VOLTAGE BUFFER
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com