Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16VMP6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M25P16VMP6
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16VMP6 Datasheet(HTML) 2 Page - STMicroelectronics

  M25P16VMP6 Datasheet HTML 1Page - STMicroelectronics M25P16VMP6 Datasheet HTML 2Page - STMicroelectronics M25P16VMP6 Datasheet HTML 3Page - STMicroelectronics M25P16VMP6 Datasheet HTML 4Page - STMicroelectronics M25P16VMP6 Datasheet HTML 5Page - STMicroelectronics M25P16VMP6 Datasheet HTML 6Page - STMicroelectronics M25P16VMP6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M25PXX
2/7
SUMMARY DESCRIPTION
The M25Pxx is a 512Kbit to 32Mbit (2M x 8) Serial
Flash Memory, with advanced write protection
mechanisms, accessed by a high speed SPI-com-
patible bus.
The memory can be programmed 1 to 256 bytes at
a time, using the Page Program instruction.
The memory is organized as a number of sectors,
each containing 256 or 128 pages. Each page is
256 bytes wide.
The whole memory can be erased using the Bulk
Erase instruction, or a sector at a time, using the
Sector Erase instruction.
Figure 2. Logic Diagram
Table 2. Signal Names
Figure 3. SO8 and VDFPN Connections
Note: 1. There is an exposed die paddle on the underside of the
MLP8 package. This is pulled, internally, to VSS, and
must not be allowed to be connected to any other voltage
or signal line on the PCB.
Figure 4. SO16 Connections
Note: 1. DU = Don’t Use
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
AI10258
S
VCC
M25Pxx
HOLD
VSS
W
Q
C
D
1
AI10259
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25Pxx
1
AI10260
2
3
4
16
15
14
13
DU
DU
DU
DU
VCC
HOLD
DU
DU
M25Pxx
5
6
7
8
12
11
10
9
W
Q
VSS
DU
DU
S
D
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com