Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16VMP6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M25P16VMP6
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16VMP6 Datasheet(HTML) 1 Page - STMicroelectronics

  M25P16VMP6 Datasheet HTML 1Page - STMicroelectronics M25P16VMP6 Datasheet HTML 2Page - STMicroelectronics M25P16VMP6 Datasheet HTML 3Page - STMicroelectronics M25P16VMP6 Datasheet HTML 4Page - STMicroelectronics M25P16VMP6 Datasheet HTML 5Page - STMicroelectronics M25P16VMP6 Datasheet HTML 6Page - STMicroelectronics M25P16VMP6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
DATA BRIEF
October 2004
For further information contact your local ST sales office.
M25PXX
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory
With 40 MHz or 50 MHz SPI Bus Interface
FEATURES SUMMARY
■
512Kbit to 32Mbit of Flash Memory
■
Page Program (up to 256 Bytes) in 1.4ms
(typical)
■
Sector Erase (256 Kbit or 512Kbit)
■
Bulk Erase (512Kbit to 32Mbit)
■
2.7 to 3.6V Single Supply Voltage
■
SPI Bus Compatible Serial Interface
■
40MHz to 50MHz Clock Rate (maximum)
■
Deep Power-down Mode 1
µA (typical)
■
Electronic Signatures
–
JEDEC Standard Two-Byte Signature
(20xxh)
–
RES Instruction, One-Byte, Signature, for
backward compatibility
■
More than 100000 Erase/Program Cycles per
Sector
■
More than 20 Year Data Retention
Table 1. Product List
Figure 1. Packages
Reference
Part Number
M25Pxx
M25P32
M25P16
M25P80
M25P40
M25P20
M25P10-A
M25P05-A
VDFPN8 (ME)
8x6mm (MLP8)
SO16 (MF)
300 mil width
SO8 (MN)
150 mil width
8
1
VDFPN8 (MP)
(MLP8)


Similar Part No. - M25P16VMP6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
M25P16 STMICROELECTRONICS-M25P16 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M25P16-VME3 NUMONYX-M25P16-VME3 Datasheet
1Mb / 55P
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
logo
STMicroelectronics
M25P16-VME3G STMICROELECTRONICS-M25P16-VME3G Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
More results

Similar Description - M25P16VMP6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
13-Dec-2002
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
25-Feb-2002
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
512-Kbit, serial flash memory, 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com