Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHT Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # HHT
Description  Type HHT 175 째C, Aluminum Electrolytic Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HHT Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  HHT Datasheet HTML 1Page - Cornell Dubilier Electronics HHT Datasheet HTML 2Page - Cornell Dubilier Electronics HHT Datasheet HTML 3Page - Cornell Dubilier Electronics HHT Datasheet HTML 4Page - Cornell Dubilier Electronics HHT Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
Vibration Test
Mil standard 202, method 204, high frequency 20g’s
Surge Voltage Test
Subject the capacitors to their rated surge voltage at normal room temperature
and through a 1000 Ω ±10% resistor (except for capacitances of 2500 µF and
up, use a higher value resistor calculated as 2,500,000/C Ω ±10% where C is
the capacitance in µF). Cycle the voltage ½ minute on followed by 4½ minutes
off during which each capacitor is discharged through the charging resistor or
equal resistor. Repeat the cycles for 120 h. Post test requirements are for DCL,
ESR and DF to meet initial requirements and for there to be no evidence of
mechanical damage or electrolyte leakage.
Storage at Low Temperature Test
Test
Subject the capacitor to 72 hours at -55°C. After 16 hours at room temperature, measure
the capacitance and DCL.
∆C
Capacitance change from the initial measurement must not exceed 10%.
DCL
Leakage current will meet the initial specification.
Appearance
No electrolyte leakage or other visible damage. The markings are to be legible.
Type HHT 175 °C, Aluminum Electrolytic Capacitor
HHT
332
P
016
H
J
0
Type
Capacitance
Tolerance
Rated Voltage
Case Diameter
Case Length Code
Sleeve/Label
HHT
332 =3300 µF
471 = 470 µF
P = -10/+30%
016 = 16 Vdc
030 = 30 Vdc
040 = 40 Vdc
H = 22mm
E = 37mm
J = 45mm
L = 53mm
0 = Label
1 = Sleeve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com