Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHT Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # HHT
Description  Type HHT 175 째C, Aluminum Electrolytic Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HHT Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  HHT Datasheet HTML 1Page - Cornell Dubilier Electronics HHT Datasheet HTML 2Page - Cornell Dubilier Electronics HHT Datasheet HTML 3Page - Cornell Dubilier Electronics HHT Datasheet HTML 4Page - Cornell Dubilier Electronics HHT Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type HHT 175 °C, Aluminum Electrolytic Capacitor
Type HHT has long life and rugged construction for high temperature
environments. HHT capacitors are rated for full operating voltage at
175 °C and tested to 2000 hrs at rated voltage and temperature. 5000
hours of life at 150 ºC with ripple current ratings up to 10 Arms.
Highlights
- Rated for +175 ºC without voltage derating
- High capacitance retention @ -40 ºC
- Up to 20g vibration
Temperature Range
–40 °C to +175 °C
Rated Voltage Range
16 Vdc to 40 Vdc
Capacitance Range
470 µF to 4700 µF
Capacitance Tolerance
–10 / +30%
Leakage Current (at 20 ºC)
I = 0.003 CV +4.0 µA; after 5 minutes at rated voltage
I = leakage current in µAmps
C = rated capacitance in µF
V = rated DC Working voltage in Volts
Ripple Current vs. Frequency Correction Factors
Low Temperature Characteristics
Impedance ratio: Z
–40 ⁰C ∕ Z+25 ⁰C @120 Hz ≤3
DC Life Test
2000 h @ rated voltage at 175 °C
∆ Capacitance 30V and 40V ±20% , 16V ±25%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
(+105 ºC/0 Vdc): 1000 hours
(+40 ºC/0 Vdc): 10 years
Case Material
Stainless Steel
Frequency (Hz)
100
300
1000 5000
100 kHz
Ripple Current Correction Factor
0.35
0.57
0.8
1
1.04


Similar Part No. - HHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Inolux Corporation
HHT3A60C INOLUX-HHT3A60C Datasheet
601Kb / 10P
3mm Round Lamp with Triple Level Housing
HHT3LR60C INOLUX-HHT3LR60C Datasheet
601Kb / 10P
3mm Round Lamp with Triple Level Housing
HHT3XX60C INOLUX-HHT3XX60C Datasheet
601Kb / 10P
3mm Round Lamp with Triple Level Housing
More results

Similar Description - HHT

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com