Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHT901P040HL0 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # HHT901P040HL0
Description  Type HHT 175 째C, Aluminum Electrolytic Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HHT901P040HL0 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  HHT901P040HL0 Datasheet HTML 1Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 2Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 3Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 4Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Cap
(µF)
120Hz
25 ˚C
Case Size
D x L mm
ESR max
Ripple (A)
Voltage
Catalog Part Number
25 °C (mΩ)
150 °C Ambient
120 Hz
5 Khz
16 Vdc @ 175 °C
25 Vdc Surge @25 °C
2200
3300
4700
HHT222P016HE0
HHT332P016HJ0
HHT472P016HL0
22 x 37
22 x 45
22 x 53
90
60
42
7.1
8.9
10.3
30 Vdc @ 175 °C
40 Vdc Surge @25 °C
1500
2200
2700
HHT152P030HE0
HHT222P030HJ0
HHT272P030HL0
22 x 37
22 x 45
22 x 53
133
90
74
7.3
8.9
10.1
40 Vdc @ 175°C
63 Vdc Surge @25°C
470
680
900
HHT471P040HE0
HHT681P040HJ0
HHT901P040HL0
22 x 37
22 x 45
22 x 53
423
293
221
5.5
6.9
8.1
Type HHT 175 °C, Aluminum Electrolytic Capacitor
Typical
Weight
HE = 43 g
HJ = 50 g
HL = 56 g
22.2mm±0.2
"L"±.25mm
"L"+5.0mm
28mm MIN
Both Sides
2.2mm
Both Sides
1.02mm DIA, 18 AWG LEADS
(TYP)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com