Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHT901P040HL0 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # HHT901P040HL0
Description  Type HHT 175 째C, Aluminum Electrolytic Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HHT901P040HL0 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  HHT901P040HL0 Datasheet HTML 1Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 2Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 3Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 4Page - Cornell Dubilier Electronics HHT901P040HL0 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1
10
100
1000
10000
100000
1000000
Freq (Hz)
Cap vs. Frequency & Temp
-55
-40
-20
0
25
45
65
85
105
125
150
175
0.01
0.1
1.0
1
10
100
1000
10000
100000
1000000
Freq (Hz)
ESR vs. Frequency & Temp
-55
-40
-20
0
25
45
65
85
105
125
150
175
0.01
0.1
1.0
10.0
100.0
1
10
100
1000
10000
100000
1000000
Freq (Hz)
|Z| vs. Frequency & Temp
-55
-40
-20
0
25
45
65
85
105
125
150
175
Part Number: HHT152PO30HE
Type HHT 175 °C, Aluminum Electrolytic Capacitor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com