Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD50IM2V7PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DBD50IM2V7PC
Description  Diristor Overcharge protection device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DBD50IM2V7PC Datasheet(HTML) 1 Page - IXYS Corporation

  DBD50IM2V7PC Datasheet HTML 1Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 2Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 3Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2013 IXYS All rights reserved
1 - 2
20130701
DBD50IM2V7PC
IXYS reserves the right to change limits, test conditions and dimensions.
advanced
Diristor
Overcharge protection device
V
on
= ± 2.7 V
V
os
= ± 1.6 A
Part number
DBD50IM2V7PC
Features / Advantages:
• Diristor triggers on when applied
voltage exceeds the Turn-On Voltage
• Low leakage current in OFF-state
• Low voltage drop in ON-state
• Symmetric operation in forward and
reverse direction
Package: TO-263 (D2Pak)
• Industry standard outline
• RoHS compliant
• Epoxy meets UL 94V-0
• High creepage distance
between terminals
Applications:
• Overcharge protection device
2/4
1/3


Similar Part No. - DBD50IM2V7PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBD-R2V1 ETC2-DBD-R2V1 Datasheet
261Kb / 6P
Dual Mode Bi-directional Dual Input Laser Driver
DBD-R2V1-D ETC2-DBD-R2V1-D Datasheet
261Kb / 6P
Dual Mode Bi-directional Dual Input Laser Driver
DBD-R2V1-S ETC2-DBD-R2V1-S Datasheet
261Kb / 6P
Dual Mode Bi-directional Dual Input Laser Driver
logo
Mobile Mark, Inc.
DBD1 MOBILEMARK-DBD1 Datasheet
335Kb / 1P
VHF/UHF DUAL BAND COUPLER
Rev 2 RA 05/2023
logo
Sanyo Semicon Device
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
1.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBD50IM2V7PC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-145U MACOM-TRF250-145U Datasheet
82Kb / 1P
Overcurrent Protection Device
RHEF800 MACOM-RHEF800 Datasheet
38Kb / 1P
Overcurrent Protection Device
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
Overvoltage protection device
June 2012 Rev 3
logo
Littelfuse
MHP-TAM6-9-82 LITTELFUSE-MHP-TAM6-9-82 Datasheet
561Kb / 2P
Overtemperature Protection Device
MHP-TAM6-9-85 LITTELFUSE-MHP-TAM6-9-85 Datasheet
561Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
Overtemperature Protection Device
AGRF800 LITTELFUSE-AGRF800 Datasheet
370Kb / 2P
Overcurrent Protection Device
logo
Infineon Technologies A...
ESD130-B1-W0201 INFINEON-ESD130-B1-W0201 Datasheet
806Kb / 14P
Protection device
Revision 1.1 2017-09-28
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
High-accuracy overcharge detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com