Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020IB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP4020IB
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020IB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP4020IB Datasheet HTML 2Page - Renesas Technology Corp HIP4020IB Datasheet HTML 3Page - Renesas Technology Corp HIP4020IB Datasheet HTML 4Page - Renesas Technology Corp HIP4020IB Datasheet HTML 5Page - Renesas Technology Corp HIP4020IB Datasheet HTML 6Page - Renesas Technology Corp HIP4020IB Datasheet HTML 7Page - Renesas Technology Corp HIP4020IB Datasheet HTML 8Page - Renesas Technology Corp HIP4020IB Datasheet HTML 9Page - Renesas Technology Corp HIP4020IB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HIP4020
FN3976 Rev 4.00
Page 8 of 10
September 17, 2015
FIGURE 8. TYPICAL CHARACTERISTIC OF SATURATION VOLTAGE vs OUTPUT CURRENT USING A +5V SUPPLY, TAMBIENT = 25°C
FIGURE 9. TYPICAL CHARACTERISTIC OF SATURATION VOLTAGE vs OUTPUT CURRENT USING A
3V SPLIT SUPPLY, OUTPUT
REFERENCE EQUAL LOGIC GROUND, TAMBIENT = 25°C
FIGURE 10. TYPICAL CHARACTERISTIC OF SATURATION VOLTAGE vs OUTPUT CURRENT USING A
6V SPLIT SUPPLY, OUTPUT
REFERENCE EQUAL LOGIC GROUND, TAMBIENT = 25°C
Typical Performance Curves (Continued)
OUTPUT CURRENT, IO (A)
HIGH
LOW
VDD = +5V
VSS = VSSA = VSSB = GND
0
100
200
300
400
500
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
HIP4020 SPLIT 5V COMMON GROUND
VSAT(P)
VSAT(N)
VSAT vs LOAD CURRENT
OUTPUT CURRENT, IO (A)
HIGH
LOW
VDD = +3V
VSS = GND
VSSA = VSSB = -3V
0
100
200
300
400
500
600
700
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
HIP4020 SPLIT
3V
VSAT(P)
VSAT(N)
VSAT vs LOAD CURRENT
OUTPUT CURRENT, IO (A)
VDD = +6V
VSS = GND
VSSA = VSSB = -6V
0
100
200
300
400
500
600
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
HIP4020 SPLIT ±6V
VSAT(P)
VSAT(N)
VSAT vs LOAD CURRENT
HIGH
LOW
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com