Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020IB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP4020IB
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020IB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP4020IB Datasheet HTML 2Page - Renesas Technology Corp HIP4020IB Datasheet HTML 3Page - Renesas Technology Corp HIP4020IB Datasheet HTML 4Page - Renesas Technology Corp HIP4020IB Datasheet HTML 5Page - Renesas Technology Corp HIP4020IB Datasheet HTML 6Page - Renesas Technology Corp HIP4020IB Datasheet HTML 7Page - Renesas Technology Corp HIP4020IB Datasheet HTML 8Page - Renesas Technology Corp HIP4020IB Datasheet HTML 9Page - Renesas Technology Corp HIP4020IB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FN3976 Rev 4.00
Page 9 of 10
September 17, 2015
HIP4020
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1997-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision
.
DATE
REVISION
CHANGE
September 17, 2015
FN3976.4
- Updated Ordering Information Table on page 1.
- Added Revision History.
- Added About Intersil Verbiage.
- Updated POD M20.3 to latest revision changes are as follow:
Top View:
Corrected "7.50 BSC" to "7.60/7.40" (no change from rev 2; error was introduced in conversion)
Changed "10.30 BSC" to "10.65/10.00" (no change from rev 2; error was introduced in conversion)
Side View:
Changed "12.80 BSC" to "13.00/12.60" (no change from rev 2; error was introduced in conversion)
Changed "2.65 max" to "2.65/2.35" (no change from rev 2; error was introduced in conversion)
Changed Note 1 from "ANSI Y14.5M-1982." to "ASME Y14.5M-1994"
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com