Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6004B
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6004B Datasheet HTML 1Page - Renesas Technology Corp HIP6004B Datasheet HTML 2Page - Renesas Technology Corp HIP6004B Datasheet HTML 3Page - Renesas Technology Corp HIP6004B Datasheet HTML 4Page - Renesas Technology Corp HIP6004B Datasheet HTML 5Page - Renesas Technology Corp HIP6004B Datasheet HTML 6Page - Renesas Technology Corp HIP6004B Datasheet HTML 7Page - Renesas Technology Corp HIP6004B Datasheet HTML 8Page - Renesas Technology Corp HIP6004B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN4567 Rev 3.00
Page 1 of 15
November 9, 2004
FN4567
Rev 3.00
November 9, 2004
HIP6004B
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
DATASHEET
The HIP6004B provides complete control and protection for
a DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive two
N-Channel MOSFETs in a synchronous-rectified buck
topology. The HIP6004B integrates all of the control, output
adjustment, monitoring and protection functions into a single
package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6004B includes a fully
TTL-compatible 5-input digital-to-analog converter (DAC)
that adjusts the output voltage from 1.3VDC to 2.05VDC in
0.05V and from 2.1VDC to 3.5VDC in 0.1V increments steps.
The precision reference and voltage-mode regulator hold the
selected output voltage to within
1% over temperature and
line voltage variations.
The HIP6004B provides simple, single feedback loop,
voltage-mode control with fast transient response. It includes
a 200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
s slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6004B monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
10%. The HIP6004B
protects against over-current and overvoltage conditions by
inhibiting PWM operation. Additional built-in overvoltage
protection triggers an external SCR to crowbar the input
supply. The HIP6004B monitors the current by using the
rDS(ON) of the upper MOSFET which eliminates the need for
a current sensing resistor.
Features
• Drives Two N-Channel MOSFETs
• Operates from +5V or +12V Input
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
-
1% Over Line Voltage and Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
- 0.1V Binary Steps . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
- 0.05V Binary Steps . . . . . . . . . . . . 1.3VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to over 1MHz
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)
Applications
• Power Supply for Pentium®, Pentium Pro, Pentium II,
PowerPC™, K6™, 6X86™ and Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies
NOT RECOMMENDED FOR NEW D
ESIGNS
NO RECOMMENDED REPLACEME
NT
contact our Technical Support Cen
ter at
1-888-INTERSIL or www.intersil.co
m/tsc


Similar Part No. - HIP6004B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004B INTERSIL-HIP6004B Datasheet
611Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
HIP6004BCB INTERSIL-HIP6004BCB Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004BCB INTERSIL-HIP6004BCB Datasheet
611Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
HIP6004BCB INTERSIL-HIP6004BCB Datasheet
630Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
More results

Similar Description - HIP6004B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
2000 04
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com