Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004ECBZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6004ECBZ
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004ECBZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP6004ECBZ Datasheet HTML 2Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 3Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 4Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HIP6004E
FN4997 Rev 3.00
Page 6 of 14
November 10, 2015
LGATE (Pin 17)
Connect LGATE to the lower MOSFET gate. This pin provides
the gate drive for the lower MOSFET.
VCC (Pin 18)
Provide a 12V bias supply for the chip to this pin.
OVP (Pin 19)
The OVP pin can be used to drive an external SCR in the
event of an overvoltage condition. Output rising 15% more
than the DAC-set voltage triggers a high output on this pin
and disables PWM gate drive circuitry.
RT (Pin 20)
This pin provides oscillator switching frequency adjustment. By
placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin to
VCC reduces the switching frequency according to the
following equation:
RT pin has a constant voltage of 1.26V typically.
Functional Description
Initialization
The HIP6004E automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary. The
Power-On Reset (POR) function continually monitors the input
supply voltages. The POR monitors the bias voltage at the VCC
pin and the input voltage (VIN) on the OCSET pin. The level on
OCSET is equal to VIN less a fixed voltage drop (see over-current
protection). The POR function initiates soft-start operation after
both input supply voltages exceed their POR thresholds. For
operation with a single +12V power source, VIN and VCC are
equivalent and the +12V power source must exceed the rising
VCC threshold before POR initiates operation.
Soft Start
The POR function initiates the soft-start sequence. An internal
10
A current source charges an external capacitor (CSS) on the
SS pin to 4V. Soft start clamps the error amplifier output (COMP
pin) and reference input (+ terminal of error amp) to the SS pin
voltage. Figure 3 shows the soft-start interval with CSS =0.1F.
Initially the clamp on the error amplifier (COMP pin) controls the
converter’s output voltage. At t1 in Figure 3, the SS voltage
reaches the valley of the oscillator’s triangle wave. The oscillator’s
triangular waveform is compared to the ramping error amplifier
voltage. This generates PHASE pulses of increasing width that
charge the output capacitor(s). This interval of increasing pulse
width continues to t2. With sufficient output voltage, the clamp on
the reference input controls the output voltage. This is the interval
between t2 and t3 in Figure 3. At t3 the SS voltage exceeds the
DACOUT voltage and the output voltage is in regulation. This
method provides a rapid and controlled output voltage rise. The
PGOOD signal toggles ‘high’ when the output voltage (VSEN pin)
is within
10% of DACOUT. The 2% hysteresis built into the
power good comparators prevents PGOOD oscillation due to
nominal output voltage ripple.
Overcurrent Protection
The overcurrent function protects the converter from a shorted
output by using the upper MOSFET’s on-resistance, rDS(ON) to
monitor the current. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sensing
resistor.
The overcurrent function cycles the soft-start function in a hiccup
mode to provide fault protection. A resistor (ROCSET) programs
the overcurrent trip level. An internal 200
A current sink
develops a voltage across ROCSET that is referenced to VIN.
When the voltage across the upper MOSFET (also referenced
to VIN) exceeds the voltage across ROCSET, the overcurrent
function initiates a soft-start sequence. The soft-start function
discharges CSS with a 10A current sink and inhibits PWM
Fs 200kHz
5 x 10
6
RT k

---------------------
+
(RT to GND)
Fs 200kHz 4 x 10
7
RT k

---------------------
–
(RT to 12V)
0V
0V
0V
TIME (5ms/DIV.)
SOFT-START
(1V/DIV.)
OUTPUT
(1V/DIV.)
VOLTAGE
t2
t3
PGOOD
(2V/DIV.)
t1
FIGURE 3. SOFT START INTERVAL
0A
0V
TIME (20ms/DIV.)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com