Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004ECBZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP6004ECBZ
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004ECBZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP6004ECBZ Datasheet HTML 3Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 4Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6004ECBZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HIP6004E
FN4997 Rev 3.00
Page 7 of 14
November 10, 2015
operation. The soft-start function recharges CSS, and PWM
operation resumes with the error amplifier clamped to the SS
voltage. Should an overload occur while recharging CSS, the
soft-start function inhibits PWM operation while fully charging
CSS to 4V to complete its cycle. Figure 4 shows this operation
with an overload condition. Note that the inductor current
increases to over 15A during the CSS charging interval and
causes an overcurrent trip. The converter dissipates very little
power with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200A
typical). The OC trip point varies mainly due to the MOSFET’s
rDS(ON) variations. To avoid overcurrent tripping in the normal
operating load range, find the ROCSET resistor from the
equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled “Output Inductor Selection”.
A small, ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6004E converter is programmed to
discreet levels between 1.05VDC and 1.825VDC. The voltage
identification (VID) pins program an internal voltage reference
(DACOUT) with a TTL-compatible 5-bit digital-to-analog
converter (DAC). The level of DACOUT also sets the PGOOD
and OVP thresholds. Table 1 specifies the DACOUT voltage for
the 32 different combinations of connections on the VID pins.
The output voltage should not be adjusted while the converter is
delivering power. Remove input power before changing the
output voltage. Adjusting the output voltage during operation
could toggle the PGOOD signal and exercise the overvoltage
protection.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using wide,
short-printed circuit traces. The critical components should be
located as close together as possible, using ground plane
construction or single point grounding.
IPEAK
IOCSET x ROCSET
rDS ON

-----------------------------------------------------
=
IPEAK IOUT MAX

I
 2
+
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
VID25
mV
VID3
VID2
VID1
VID0
VID25
mV
VID3
VID2
VID1
VID0
00
100
1.050
0
110
0
1.450
10
100
1.075
1
110
0
1.475
00
011
1.100
0
101
1
1.500
10
011
1.125
1
101
1
1.525
00
010
1.150
0
101
0
1.550
10
010
1.175
1
101
0
1.575
00
001
1.200
0
100
1
1.600
10
001
1.225
1
100
1
1.625
00
000
1.250
0
100
0
1.650
10
000
1.275
1
100
0
1.675
01
111
1.300
0
011
1
1.700
11
111
1.325
1
011
1
1.725
01
110
1.350
0
011
0
1.750
11
110
1.375
1
011
0
1.775
01
101
1.400
0
010
1
1.800
11
101
1.425
1
010
1
1.825
NOTE: 0 = connected to GND or VSS, 1 = connected to VDD through pull-up resistors or leave the pins floating. Internal pull-ups will force the floating
VID pins to HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com