Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB564 Datasheet HTML 1Page - Texas Instruments TUSB564 Datasheet HTML 2Page - Texas Instruments TUSB564 Datasheet HTML 3Page - Texas Instruments TUSB564 Datasheet HTML 4Page - Texas Instruments TUSB564 Datasheet HTML 5Page - Texas Instruments TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
TUSB564
SLLSF29C – OCTOBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SSTXn
7
Diff I
Differential negative input for USB3.1 downstream facing port.
SSRXp
5
Diff O
Differential positive output for USB3.1 downstream facing port.
SSRXn
4
Diff O
Differential negative output for USB3.1 downstream facing port.
EQ1
14
4 Level I
This pin along with EQ0 sets the USB receiver equalizer gain for upstream facing RX1 and RX2
when USB used. Up to 11dB of EQ available.
EQ0
11
4 Level I
This pin along with EQ1 sets the USB receiver equalizer gain for upstream facing RX1 and RX2
when USB used. Up to 11 dB of EQ available.
EN
29
I
Device Enable.
L = Device Disabled
H = Device Enabled
HPDIN
32
I/O
Hot Plug Detect. This pin is an input for Hot Plug Detect received from DisplayPort sink. When
HPDIN is Low for greater than 2ms, all DisplayPort lanes are disabled while the AUX to SBU
switch will remain closed.
I2C_EN
17
4 Level I
I2C Programming Mode or GPIO Programming Select. I2C is only disabled when this pin is ‘0".
0 = GPIO mode (I2C disabled)
R = TI Test Mode (I2C enabled at 3.3 V)
F = I2C enabled at 1.8 V
1 = I2C enabled at 3.3 V.
SBU1
24
I/O, CMOS
SBU1. This pin should be DC coupled to the SBU1 pin on the Type-C receptacle. A 2-M ohm
resistor to GND is also recommended.
SBU2
25
I/O, CMOS
SBU2. This pin should be DC coupled to the SBU2 pin on the Type-C receptacle. A 2-M ohm
resistor to GND is also recommended.
AUXp
26
I/O, CMOS
AUXp. DisplayPort AUX positive I/O connected to the DisplayPort sink through a AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 1M resistor to DP_PWR
(3.3 V). This pin along with AUXN is used by the TUSB564 for AUX snooping and is routed to
SBU1/2 based on the orientation of the Type-C.
AUXn
27
I/O, CMOS
AUXn. DisplayPort AUX negative I/O connected to the DisplayPort sink through a AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 1M resistor to GND. This
pin along with AUXP is used by the TUSB564 for AUX snooping and is routed to SBU1/2 based on
the orientation of the Type-C.
DPEQ1
2
4 Level I
DisplayPort Receiver EQ. This along with DPEQ0 will select the DisplayPort receiver equalization
gain.
DPEQ0/A1
35
4 Level I
DisplayPort Receiver EQ. This along with DPEQ1 will select the DisplayPort receiver equalization
gain. When I2C_EN is not ‘0’, this pin will also set the TUSB564 I2C address.
SSEQ1
3
4 Level I
Along with SSEQ0, sets the USB receiver equalizer gain for downstream facing SSTXP/N.
SSEQ0/A0
38
4 Level I
Along with SSEQ1, sets the USB receiver equalizer gain for downstream facing SSTXP/N. When
I2C_EN is not ‘0’, this pin will also set the TUSB564 I2C address.
FLIP/SCL
21
2 Level I
When I2C_EN=’0’ this is Flip control pin, otherwise this pin is I2C clock. . When used for I2C clock
pullup to I2C master's VCC I2C supply.
CTL0/SDA
22
2 Level I
When I2C_EN=’0’ this is a USB3.1 Switch control pin, otherwise this pin is I2C data. When used
for I2C data pullup to I2C master's VCC I2C supply.
CTL1
23
2 Level I
(Failsafe)
(PD)
DP Alt mode Switch Control Pin. When I2C_EN = ‘0’, this pin will enable or disable DisplayPort
functionality. Otherwise, when I2C_EN is not "0", DisplayPort functionality is enabled and disabled
through I2C registers.
L = DisplayPort Disabled.
H = DisplayPort Enabled.
VCC
6, 20, 28
P
3.3-V Power Supply
NC
1
NC
No connect pin. Leave open.
GND
Thermal Pad
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com