Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 4Page - Texas Instruments TUSB564 Datasheet HTML 5Page - Texas Instruments TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments TUSB564 Datasheet HTML 10Page - Texas Instruments TUSB564 Datasheet HTML 11Page - Texas Instruments TUSB564 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
TUSB564
SLLSF29C – OCTOBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GLF
Low-frequency voltage gain
at 100 MHz, 600 mVpp VID
-1
0
1
dB
CP1 dB-LF Low-frequency 1-dB compression point
at 100 MHz, 200 mVpp < VID < 2000
mVpp
1000
mVpp
CP1 dB-
HF
High-frequency 1-dB compression point
at 2.5 GHz, 200 mVpp < VID < 2000
mVpp
1000
mVpp
fLF
Low-frequency cutoff
200 mVpp < VID < 2000 mVpp
20
50
kHz
DJ_5G
TX output deterministic jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
5 Gbps
0.04
UIpp
DJ_8.1G
TX output deterministic jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
8.1 Gbps
0.08
UIpp
TJ_5G
TX output total jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
5 Gbps
0.07
UIpp
TJ_8.1G
TX output total jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
8.1 Gbps
0.12
UIpp
DisplayPort Receiver (TX1P/N, TX2P/N, RX1P/N, RX2P/N)
VID_PP
Peak-to-peak input differential dynamic
voltage range
2000
mV
VIC
Input Common Mode Voltage
0
V
CAC
AC coupling capacitance
75
265
nF
EQDP
Receiver Equalizer
DPEQ1, DPEQ0 at 4.05 GHz
12
dB
dR
Data rate
HBR3
8.1
Gbps
Rti
Input Termination resistance
80
100
120
Ω
DisplayPort Transmitter (DP[3:0]P/N)
VTX-
DIFFPP
VOD dynamic range
1300
mV
ITX-SHORT TX short circuit current
TX+/- shorted to GND
67
mA
AUXP/N and SBU1/2
RON
Output ON resistance
VCC = 3.3 V; VIN = 0 to 0.4 V for AUXP;
VIN = 2.7 V to 3.6 V for AUXN
5
10
Ω
RON-
MISMATCH
ΔON resistance mismatch within pair
VCC = 3.3 V; VIN = 0 to 0.4 V for AUXP;
VIN= 2.7 V to 3.6 V for AUXN
1
Ω
RON_FLAT ON resistance flatness (RONmax–RON
min) measured at identical VCC and
temperature
VCC = 3.3 V; VIN = 0 to 0.4 V for AUXP;
VIN = 2.7 V to 3.6 V for AUXN
2
Ω
VAUXP_D
C_CM
AUX Channel DC common mode voltage
for AUXP and SBU2.
VCC = 3.3 V
0
0.4
V
VAUXN_D
C_CM
AUX Channel DC common mode voltage
for AUXN and SBU1
VCC = 3.3 V
2.7
3.6
V
CAUX_ON
ON-state capacitance
VCC = 3.3 V; CTL1 = 1; VIN = 0 V or 3.3
V
4
7
pF
CAUX_OFF OFF-state capacitance
VCC = 3.3 V; CTL1 = 0; VIN = 0 V or 3.3
V
3
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com