Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS9926 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFS9926
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFS9926 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFS9926 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SFS9926
Electrical Characteristics ( TJ = 25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
20
-
-
V
Δ
BVDSS/
Δ
TJ
Breakdown Voltage Temperature
coefficient
ID = 250uA, referenced to 25 °C
-24
-
mV/°C
IDSS
Drain-Source Leakage Current
VDS = 16V, VGS = 0V
--
1
uA
IGSS
Gate-Source Leakage, Forward
VGS = 12V, VDS = 0V
100
nA
Gate-Source Leakage, Reverse
VGS = -12V, VDS = 0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
0.5
-
1.5
V
RDS(ON)
Static Drain-Source On-state
Resistance
VGS = 4.5 V, ID = 6.5A
VGS = 2.5 V, ID = 5.4A
-
-
0.025
0.036
0.030
0.043
Ω
Dynamic Characteristics
Ciss
Input Capacitance
VGS =0 V, VDS =10V, f = 1MHz
-645
-
pF
Coss
Output Capacitance
-
350
-
Crss
Reverse Transfer Capacitance
-
115
-
Dynamic Characteristics
td(on)
Turn-on Delay Time
VDD =10V, ID =1A, RG =50 Ω
VGS =4.5V
(Note 2,3)
-9
28
ns
tr
Rise Time
-
45
100
td(off)
Turn-off Delay Time
-
95
200
tf
Fall Time
-
60
130
Qg
Total Gate Charge
VDS =10V, VGS =4.5V, ID =4.5A
(Note 2,3)
-14
18
nC
Qgs
Gate-Source Charge
-
2.5
-
Qgd
Gate-Drain Charge(Miller Charge)
-
5
-
Source-Drain Diode Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
IS
Maximum Continuous Diode Forward Current
-
-
1.3
A
VSD
Diode Forward Voltage
IS =1.3A, VGS =0V
(Note 2)
--
1.2
V
※ NOTES
1. Repeativity rating : pulse width limited by junction temperature
2. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
3. Essentially independent of operating temperature.
4. Surface mounted on 1 inch2 Cu board.
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com