Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS9926 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SFS9926
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFS9926 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SFS9926 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS9926 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
10
-1
10
0
10
1
125
oC
25
oC
-55
oC
Notes :
※
1. V
DS = 5V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
0
10
1
150℃
Notes :
※
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
0
10
1
V
GS
Top :
4.5 V
4.0 V
3.5 V
3.0 V
2.5 V
Bottom : 2.0 V
Notes :
※
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
03
69
12
15
18
0
1
2
3
4
5
V
DS = 10V
V
DS = 16V
Note : I
※
D = 6.5A
Q
G, Total Gate Charge [nC]
0
5
10
15
20
25
0
250
500
750
1000
1250
1500
C
rss
C
oss
C
iss
Notes :
※
1. V
GS = 0V
2. f=1MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
V
GS = 4.5V
V
GS = 2.5V
Note : T
※
J = 25
℃
I
D, Drain Current [A]
3/6
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
SFS9926
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com