Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1121LP6GETR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1121LP6GETR
Description  4 W, GaAs, pHEMT, MMIC Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1121LP6GETR Datasheet(HTML) 3 Page - Analog Devices

  HMC1121LP6GETR Datasheet HTML 1Page - Analog Devices HMC1121LP6GETR Datasheet HTML 2Page - Analog Devices HMC1121LP6GETR Datasheet HTML 3Page - Analog Devices HMC1121LP6GETR Datasheet HTML 4Page - Analog Devices HMC1121LP6GETR Datasheet HTML 5Page - Analog Devices HMC1121LP6GETR Datasheet HTML 6Page - Analog Devices HMC1121LP6GETR Datasheet HTML 7Page - Analog Devices HMC1121LP6GETR Datasheet HTML 8Page - Analog Devices HMC1121LP6GETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
HMC1121
Rev. A | Page 3 of 15
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, VDD = VDD1 = VDD2 = VDD3 = VDD4 = 7 V, IDD = 2200 mA, frequency range = 5.5 GHz to 7.5 GHz.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
5.5
7.5
GHz
GAIN
24
27
dB
Gain Variation over Temperature
0.01
dB/°C
RETURN LOSS
Input
17
dB
Output
13
dB
OUTPUT POWER
For 1 dB Compression
P1dB
35
36
dBm
36 dBm = 4 W
Saturated
PSAT
36.5
dBm
At 30% PAE
OUTPUT THIRD-ORDER INTERCEPT
IP3
44
dBm
Measurement taken at POUT/tone = 28 dBm
SUPPLY
Voltage
VDD
5
7.5
V
Total Current
IDD
2200
mA
Adjust the gate control voltage (VGG1 to VGG4) between
−2 V to 0 V to achieve an IDD = 2200 mA typical
TA = 25°C, VDD = VDD1 = VDD2 = VDD3 = VDD4 = 7 V, IDD = 2200 mA, frequency range = 7.5 GHz to 8.5 GHz.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
7.5
8.5
GHz
GAIN
25
28
dB
Gain Variation over Temperature
0.009
dB/°C
RETURN LOSS
Input
15
dB
Output
13
dB
OUTPUT POWER
For 1 dB Compression
P1dB
35
36
dBm
36 dBm = 4 W
Saturated
PSAT
36.5
dBm
At 30% PAE
OUTPUT THIRD-ORDER INTERCEPT
IP3
43
dBm
Measurement taken at POUT/tone = 28 dBm
SUPPLY
Voltage
VDD
5
7.5
V
Total Current
IDD
2200
mA
Adjust the gate control voltage (VGG1 to VGG4) between
−2 V to 0 V to achieve an IDD = 2200 mA typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com