Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1121LP6GETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC1121LP6GETR
Description  4 W, GaAs, pHEMT, MMIC Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1121LP6GETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC1121LP6GETR Datasheet HTML 7Page - Analog Devices HMC1121LP6GETR Datasheet HTML 8Page - Analog Devices HMC1121LP6GETR Datasheet HTML 9Page - Analog Devices HMC1121LP6GETR Datasheet HTML 10Page - Analog Devices HMC1121LP6GETR Datasheet HTML 11Page - Analog Devices HMC1121LP6GETR Datasheet HTML 12Page - Analog Devices HMC1121LP6GETR Datasheet HTML 13Page - Analog Devices HMC1121LP6GETR Datasheet HTML 14Page - Analog Devices HMC1121LP6GETR Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
HMC1121
Rev. A | Page 13 of 15
EVALUATION BOARD
The HMC1121 evaluation printed circuit board (PCB) is a
2-layer board that was fabricated using a Rogers 4350 and best
practices for high frequency RF design. The RF input and RF
output traces have a 50 Ω characteristic impedance. The PCB is
attached to a heat sink by a SN96 solder, which provides a low
thermal resistance path. Components are mounted using SN63
solder, allowing rework of the surface-mount components
without compromising the circuit board to heat sink
attachment.
The evaluation PCB and populated components operate over
the −40°C to +85°C ambient temperature range. During operation,
attach the evaluation PCB to a temperature controlled plate to
control the temperature. For proper bias sequence, see the
Applications Information section.
See Figure 35 for the HMC1121 evaluation board schematic. A
fully populated and tested evaluation board, which is shown in
Figure 34, is available from Analog Devices, Inc., upon request.
Figure 34. HMC1121 Evaluation Board
BILL OF MATERIALS
Table 5.
Item
Description
J1, J2
PCB mount SMA RF connector, Johnson PN 142-07010851
J3, J4
DC pins
J5, J6
RF connectors for thru line; not populated
C1 to C8
100 pF capacitors, 0402 package
C9 to C16
10 nF capacitors, 0402 package
C17 to C24
4.7 μF capacitor, Case A
R1 to R4
20 Ω resistors, 0402 package
R5, R6
100 kΩ resistors, 0402 package
U1
HMC1121LP6GE
Heat sink
Used for thermal transfer from the HMC1121LP6GE amplifier
PCB
600-01061-00 evaluation board; circuit board material: Rogers 4350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com