Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STSR30
Description  SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR30 Datasheet(HTML) 3 Page - STMicroelectronics

  STSR30 Datasheet HTML 1Page - STMicroelectronics STSR30 Datasheet HTML 2Page - STMicroelectronics STSR30 Datasheet HTML 3Page - STMicroelectronics STSR30 Datasheet HTML 4Page - STMicroelectronics STSR30 Datasheet HTML 5Page - STMicroelectronics STSR30 Datasheet HTML 6Page - STMicroelectronics STSR30 Datasheet HTML 7Page - STMicroelectronics STSR30 Datasheet HTML 8Page - STMicroelectronics STSR30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STSR30
3/10
PIN DESCRIPTION
Pin N°
Symbol
Name and Function
1
INHIBIT
This input enables OUTGATE to work when its voltage is lower than the negative
threshold voltage (VINHIBIT<VH). If VINHIBIT>VH the OUTGATE will be high for a
minimum conduction time (tON(GATE)). In typical flyback converter application, it is
possible to turn off the synchronous MOSFET when the current through it tends to
reverse, allowing discontinuous conduction mode and providing protection to the
converter from eventual sinking current from the load.
A blanking time of 700ns allows operation when some voltage ringing is present
during turn-off of primary switch.
Absolute maximum voltage rating of the pin can be exceeded limiting the current
flowing into the pin to 10mA max.
2OUTGATE
Gate Drive signal for Synchronous MOSFET. Anticipation [tANT] in turning off
OUTGATE is provided when the clock input goes to low level.
3
SGLGND
Reference for all the control logic signals. This pin is completely separated from
the PWRGND to prevent eventual disturbances to affect the control logic.
4
PWRGND
Reference for power signals, this pin carries the full peak currents for the output.
5VCC
The supply voltage range from 4.5V to 5.5V allows applications with logic gate
threshold mosfets. UVLO feature guarantees proper start-up while it avoids
undesirable driving during eventual dropping of the supply voltage.
6
DISABLE
This pin allows turning off the device completely when kept to low level. In this
condition the IC power consumption is strongly reduced. When this pin goes to
high value, OUTGATE turns to switching again according to the CK signal.
7
SETANT
The voltage on this pin sets the anticipation in turning off the OUTGATE. It is
possible to choose among three different anticipation times by discrete
partitioning of the supply voltage [ANT].
8
CK
This input provides synchronization for IC’s operations, being the transitions
between the two output conditions based on a positive threshold, equal for the
two slopes. A smart internal control logic mechanism using a 15MHz internal
oscillator generates proper anticipation timing at the turn-off of each output. This
feature allows safe turn-off of Synchronous Rectifiers avoiding any eventual
shoot-through situation on secondary side at both transitions. Clock revelation
mechanism makes the operation of STSR30 particularly suitable for flyback
adaptors application allowing correct operation during discontinuous mode.
Absolute maximum positive voltage rating of the pin can be exceeded limiting the
current flowing into the pin to 10mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com