Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSR30
Description  SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR30 Datasheet(HTML) 1 Page - STMicroelectronics

  STSR30 Datasheet HTML 1Page - STMicroelectronics STSR30 Datasheet HTML 2Page - STMicroelectronics STSR30 Datasheet HTML 3Page - STMicroelectronics STSR30 Datasheet HTML 4Page - STMicroelectronics STSR30 Datasheet HTML 5Page - STMicroelectronics STSR30 Datasheet HTML 6Page - STMicroelectronics STSR30 Datasheet HTML 7Page - STMicroelectronics STSR30 Datasheet HTML 8Page - STMicroelectronics STSR30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
January 2004
s
SUPPLY VOLTAGE RANGE: 4V TO 5.5V
s
TYPICAL PEAK OUTPUT CURRENT:
(SOURCE-SINK: 1.5A)
s
OPERATING FREQUENCY: 20 TO 500 KHz
s
INHIBIT BLANKING TIME: 700 ns
s
AUTOMATIC TURN OFF FOR DUTY-CYCLE
LESS THAN 14%
s
POSSIBILITY TO OPERATE IN
DISCONTINUOUS MODE
DESCRIPTION
STSR30 Smart Driver IC provides a high current
outputs
to
properly
drive
secondary
Power
Mosfets used as Synchronous Rectifier in low
output
voltage,
high
efficiency
Flyback
Converters. From a synchronizing clock input,
withdrawn on the secondary side of the isolation
transformer, the IC generates a driving signal with
set dead times with respect to the primary side
PWM signal.
The
IC
operation
prevents
secondary
side
shoot-through conditions at turn-on of the primary
switch providing anticipation in turn-off the output.
This smart function is implemented by a fast
cycle-after-cycle logic control mechanism, based
on a high frequency oscillator synchronized by the
clock signal. This anticipation is externally set
through external component. A special Inhibit
function,
detecting
the
voltage
across
the
Synchronous FET, allows to shut-off the drive
output during discontinuous mode condition. A
Disable pin allows turning off the device during
no-load
condition
reducing
overall
current
consumption.
STSR30
SYNCHRONOUS RECTIFIER
SMART DRIVER FOR FLYBACK
BLOCK DIAGRAM
SO-8


Similar Part No. - STSR30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR3 STMICROELECTRONICS-STSR3 Datasheet
269Kb / 12P
SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
Jun-2003
More results

Similar Description - STSR30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR3 STMICROELECTRONICS-STSR3 Datasheet
269Kb / 12P
SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
Jun-2003
logo
Fairchild Semiconductor
SG6203 FAIRCHILD-SG6203 Datasheet
460Kb / 13P
Synchronous Rectifier Controller for Flyback Converter
logo
Zetex Semiconductors
ZXGD3101T8 ZETEX-ZXGD3101T8 Datasheet
917Kb / 14P
Synchronous rectifier controller for flyback converters
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8 Datasheet
964Kb / 14P
Synchronous rectifier controller for flyback converters.
JANUARY 2009
logo
STMicroelectronics
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
Synchronous rectifier controller for flyback converters.
JANUARY 2009
logo
STMicroelectronics
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000 STMICROELECTRONICS-SRK2000 Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com