Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR30D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSR30D
Description  SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR30D Datasheet(HTML) 4 Page - STMicroelectronics

  STSR30D Datasheet HTML 1Page - STMicroelectronics STSR30D Datasheet HTML 2Page - STMicroelectronics STSR30D Datasheet HTML 3Page - STMicroelectronics STSR30D Datasheet HTML 4Page - STMicroelectronics STSR30D Datasheet HTML 5Page - STMicroelectronics STSR30D Datasheet HTML 6Page - STMicroelectronics STSR30D Datasheet HTML 7Page - STMicroelectronics STSR30D Datasheet HTML 8Page - STMicroelectronics STSR30D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STSR30
4/10
ELECTRICAL CHARACTERISTICS (VCC = 5V, CK = 100kHz, duty-cycle = 50%, VINHIBIT = -200mV,
TJ = -40 to 125°C, C1 =C2 = 100nF ceramic, unless otherwise specified.)
Note1: tR is measured between 10% and 90% of the final voltage; tF is measured between 90% and 10% on the initial voltage
Note2: Parameter guaranteed by design
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT AND UNDER VOLTAGE LOCK OUT
VCC
Start Threshold
3.7
4
V
Turn OFF Threshold After Start
3.3
3.6
ICC
Unloaded Supply Current
OUTGATE = no load
3.2
4.5
mA
DISABLE = 0V
15
50
µA
GATE DRIVER OUTPUT
OUTGATE Output Low Voltage
IOUTGATE = -200mA
0.20
0.45
V
Output High Voltage
IOUTGATE = 200mA
4.30
4.65
IOUT
Output Source Peak Current
TJ =25°C
1.5
A
Output Sink Peak Current
TJ =25°C
1.5
RDS(ON)
Output Series Source Resistance
1.75
3.5
Output Series Sink Resistance
1
2.25
tR
Rise Time
CLOAD = 5nF (Note 1)
40
ns
tF
Fall Time
CLOAD = 5nF (Note 1)
40
ns
tP
Clock Propagation Delay to Turn ON
of OUTGATE
No Load (Fig. 4)
25
ns
TURN-OFF ANTICIPATION TIME
tANT
OUTGATE Turn-off Anticipation Time
(Fig. 1)
VANT = 0 to 1/3VCC; no load
150
ns
VANT =1/3VCC to 2/3VCC;no load
225
VANT =2/3VCC to VCC;no load
300
ISETANT
Leakage Current (Note 2)
-0.1
0.1
µA
DISABLE
VDP
Positive Threshold Voltage
VDISABLE >VDP :ON
1.7
2.4
V
VDN
Negative Threshold Voltage
VDISABLE <VDN :OFF
0.8
1.5
V
VHY
Hysteresis Voltage
0.2
V
II
Input Current
-0.1
0.1
µA
INHIBIT (OUTGATE ENABLE)
VH
Threshold Voltage
TJ =25°C
-30
-25
mV
IH
Leakage Current
VINHIBIT = +200mV
-100
nA
VINHIBIT = -200mV
1.5
µA
tBL
Blanking Time
VINHIBIT = +200mV
700
ns
SYNCHRONIZATION INPUT
VCK
Rise Threshold Voltage
1
1.2
V
Fall Threshold Voltage
0.6
0.8
DOFF
Duty Cycle Shut Down
12
14
%
Duty Cycle Turn ON after Shut Down
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com