Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR30D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSR30D
Description  SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR30D Datasheet(HTML) 5 Page - STMicroelectronics

  STSR30D Datasheet HTML 1Page - STMicroelectronics STSR30D Datasheet HTML 2Page - STMicroelectronics STSR30D Datasheet HTML 3Page - STMicroelectronics STSR30D Datasheet HTML 4Page - STMicroelectronics STSR30D Datasheet HTML 5Page - STMicroelectronics STSR30D Datasheet HTML 6Page - STMicroelectronics STSR30D Datasheet HTML 7Page - STMicroelectronics STSR30D Datasheet HTML 8Page - STMicroelectronics STSR30D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STSR30
5/10
Figure 1 : TIMING DIAGRAM
Figure 2 : STSR30 IN FLYBACK CONVERTER SECONDARY SIDE
NOTES
1) Ceramic Capacitors C1 and C2 must be placed very close to the IC;
2) R1 andR2set theanticipationtimeby partitioning theVCC voltage;
3) R3 is a pull-up resistor;
4) R5 limits the current flowing through diode D2 when Freewheeling drain voltage is high;
5) D1 could be necessary to protect INHIBIT pin from negative voltages.
6) D2 could be necessary to protect INHIBIT pin from voltages higher than VCC
7) SGLGND layout trace must not include OUTGATE current paths.
+5V
Vo
Vi
+5V
+5V
Cout
C2
100nF
R1
R2
R5
TRANSFORMER
MosfetN
R3
D3
C1
100nF
D1
D2
STSR30
8
1
3
7
Ck
INHIBIT
SGLGND
SETANT
PWM
Feedback
Loop
option
Low = OFF
High = ON



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com