Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT818A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STT818A
Description  HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818A Datasheet(HTML) 2 Page - STMicroelectronics

  STT818A Datasheet HTML 1Page - STMicroelectronics STT818A Datasheet HTML 2Page - STMicroelectronics STT818A Datasheet HTML 3Page - STMicroelectronics STT818A Datasheet HTML 4Page - STMicroelectronics STT818A Datasheet HTML 5Page - STMicroelectronics STT818A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-amb
(1)
Thermal Resistance Junction-ambient
Max
105
oC/W
(1) Package mounted on FR4 pcb 25mm x 25mm.
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCB =-30 V
VCB =-30 V
TC = 125
oC
-0.1
-20
µA
µA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =-5 V
-0.1
µA
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-10 mA
-30
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-0.7 A
IB =-20 mA
IC =-1.2 A
IB =-20 mA
IC =-2 A
IB =-20 mA
-0.07
-0.12
-0.25
-0.12
-0.25
-0.5
V
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =-0.7 A
IB =-20 mA
-1.1
V
VBE(ON)
∗ Base-Emitter Voltage
IC =-2 A
VCE =-2 V
-1.1
V
hFE
∗
DC Current G ain
IC =-0.5 A
VCE =-1 V
IC =-2.5 A
VCE =-3 V
100
100
300
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Safe Operating Area
DC Current Gain
STT818A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com