Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT818A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT818A
Description  HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818A Datasheet(HTML) 1 Page - STMicroelectronics

  STT818A Datasheet HTML 1Page - STMicroelectronics STT818A Datasheet HTML 2Page - STMicroelectronics STT818A Datasheet HTML 3Page - STMicroelectronics STT818A Datasheet HTML 4Page - STMicroelectronics STT818A Datasheet HTML 5Page - STMicroelectronics STT818A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STT818A
HIGH GAIN LOW VOLTAGE
PNP POWER TRANSISTOR
s
VERY LOW SATURATION VOLTAGE
s
DC CURRENT GAIN > 100 (hFE)
s
3 A CONTINUOUS COLLECTOR CURRENT
(IC)
s
SURFACE-MOUNTING SOT23-6L PACKAGE
IN TAPE & REEL
APPLICATIONS
s
POWER MANAGEMENT IN PORTABLE
EQUIPMENTS
s
SWITCHING REGULATOR IN BATTERY
CHARGER APPLICATIONS
DESCRIPTION
Using the latest low voltage Epitaxial Planar
technology
based
on
interdigitated
layout,
STMicroelectronics has introduced the new “High
Gain”
Power bipolar
transistor family,
with
outstanding performances. Its very low saturation
voltage
combined
with
the
“high
gain”
characteristics make it ideal for all high efficiency
low voltage switching applications.
Marking : 818A
®
INTERNAL SCHEMATIC DIAGRAM
February 2001
SOT23-6L
(TSOP6)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCBO
Collector-Base Voltage (IE =0)
-30
V
VCEO
Collector-Emit ter Voltage (IB =0)
-30
V
VEBO
Emitter-Base Voltage (IC =0)
-5
V
IC
Collector Current
-3
A
ICM
Collector Peak Current
-6
A
IB
Base Current
-0. 2
A
IBM
Base Peak Current
-0. 5
A
Ptot
Tot al Dissipation at TC =25
oC1.2
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1/6


Similar Part No. - STT818A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Jul-2002
STT818B STMICROELECTRONICS-STT818B Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
More results

Similar Description - STT818A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Jul-2002
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
High Gain Low Voltage PNP Power Transistor
27-Sep-2006
2STX2220 STMICROELECTRONICS-2STX2220 Datasheet
235Kb / 11P
High Gain Low Voltage PNP Power Transistor
25-Sep-2006
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
High gain Low Voltage PNP power transistor
18-Sep-2007
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
JUNE 2005
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
Low voltage high performance PNP power transistor
22-May-2012
logo
Diodes Incorporated
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com