Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # VPR
Description  Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  VPR Datasheet HTML 1Page - Cornell Dubilier Electronics VPR Datasheet HTML 2Page - Cornell Dubilier Electronics VPR Datasheet HTML 3Page - Cornell Dubilier Electronics VPR Datasheet HTML 4Page - Cornell Dubilier Electronics VPR Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
Max ESR
Max Ripple
Catalog
10 kHz
10 kHz
Size in. (mm)
Cap
Part Number
25 ºC
85 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(A)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
5,600
VPR562U6R3N1L
0.034
3.767
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
8,800
VPR882U6R3N2C
0.023
5.131
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
12,000
VPR123U6R3N2L
0.018
6.364
1.000 (25.4)
2.625 (66.7)
0.40 (10.2)
0.040 (1.0)
7.5 Vdc (10 Volts Surge)
4,900
VPR492U7R5N1L
0.031
3.820
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
10 Vdc (13 Volts Surge)
4,200
VPR422U010N1L
0.032
3.702
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
12 Vdc (18 Volts Surge)
5,600
VPR562U012N2C
0.021
4.932
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
16 Vdc (20 Volts Surge)
2,300
VPR232U016L1L
0.040
2.863
0.875 (22.2)
1.625 (41.3)
0.30 (7.6)
0.040 (1.0)
3,200
VPR322U016N1L
0.029
3.637
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
3,700
VPR372U016L2C
0.026
3.981
0.875 (22.2)
2.125 ((54.0)
0.30 (7.6)
0.040 (1.0)
5,000
VPR502U016N2C
0.020
4.887
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
6,900
VPR692U016N2L
0.017
6.105
1.000 (25.4)
2.625 (66.7)
0.40 (10.2)
0.040 (1.0)
10,000
VPR103U016N3L
0.012
8.033
1.000 (25.4)
3.625 (92.1)
0.40 (10.2)
0.040 (1.0)
25 Vdc (30 Volts Surge)
640
VPR641U025E1L
0.067
2.390
0.512 (13.0)
1.654 (42.0)
0.20 (5.1)
0.023 (.58)
1,300
VPR132U025L1L
0.035
2.729
0.875 (22.2)
1.625 (41.3)
0.30 (7.6)
0.040 (1.0)
1,800
VPR182U025N1L
0.035
3.006
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
2,800
VPR282U025L2L
0.018
4.732
0.875 (22.2)
2.625 (66.7)
0.30 (7.6)
0.040 (1.0)
2,800
VPR282U025N2C
0.023
4.107
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
3,900
VPR392U025N2L
0.018
5.191
1.000 (25.4)
2.625 (66.7)
0.40 (10.2)
0.040 (1.0)
5,900
VPR592U025N3L
0.014
6.616
1.000 (25.4)
3.625 (92.1)
0.40 (10.2)
0.040 (1.0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com