Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPR Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # VPR
Description  Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  VPR Datasheet HTML 1Page - Cornell Dubilier Electronics VPR Datasheet HTML 2Page - Cornell Dubilier Electronics VPR Datasheet HTML 3Page - Cornell Dubilier Electronics VPR Datasheet HTML 4Page - Cornell Dubilier Electronics VPR Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
Cap
(µF)
Catalog
Part Number
Max ESR
10 kHz
25 ºC
(Ω)
Max Ripple
10 kHz
85 ºC
(A)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead Dia.
(d)
40 Vdc (50 Volts Surge)
760
VPR761U040L1L
0.040
2.194
0.875 (22.2)
1.625 (41.3)
0.30 (7.6)
0.040 (1.0)
1,600
VPR162U040N2C
0.021
3.755
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
2,200
VPR222U040N2L
0.017
4.732
1.000 (25.4)
2.625 (66.7)
0.40 (10.2)
0.040 (1.0)
2,800
VPR282U040N3C
0.014
5.651
1.000 (25.4)
3.125 (79.4)
0.40 (10.2)
0.040 (1.0)
3,300
VPR332U040N3L
0.014
6.437
1.000 (25.4)
3.625 (92.1)
0.40 (10.2)
0.040 (1.0)
50 Vdc (65 Volts Surge)
600
VPR601U050L1L
0.049
1.964
0.875 (22.2)
1.625 (41.3)
0.30 (7.6)
0.040 (1.0)
1200
VPR122U050N2C
0.028
3.297
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
2,400
VPR242U050N3L
0.015
5.639
1.000 (25.4)
3.625 (92.1)
0.40 (10.2)
0.040 (1.0)
75 Vdc (95 Volts Surge)
450
VPR451U075N1L
0.102
1.779
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
680
VPR681U075N2C
0.069
2.420
1.000 (25.4)
2.125 ((54.0)
0.40 (10.2)
0.040 (1.0)
1,100
VPR112U075N3C
0.044
3.577
1.000 (25.4)
3.125 (79.4)
0.40 (10.2)
0.040 (1.0)
100 Vdc (125 Volts Surge)
250
VPR251U100N1L
0.111
1.818
1.000 (25.4)
1.625 (41.3)
0.40 (10.2)
0.040 (1.0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com