Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN331M050ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SN331M050ST
Description  Radial Leaded Non-Polar Aluminum Electrolytic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN331M050ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SN331M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type SN 85 ºC Non-Polar Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Cap
(µF)
Catalog
Part Number
Max ESR
120 Hz
+25 ºC
(Ω)
Max Ripple
120 Hz
+85 ºC
(mA)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead Dia.
(d)
100 WVNP (125 VNP Surge)
0.47
1.0
2.2
3.3
4.7
SNR47M100ST
SN010M100ST
SN2R2M100ST
SN3R3M100ST
SN4R7M100ST
282.33
132.70
60.32
40.21
28.23
14
21
34
49
58
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.315 (8.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.453 (11.5)
.079 (2.0)
.098 (2.5)
.098 (2.5)
.138 (3.5)
.138 (3.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
10.0
22
33
47
100
SN100M100ST
SN220M100ST
SN330M100ST
SN470M100ST
SN101M100ST
13.27
6.03
4.02
2.82
1.33
100
180
220
285
510
.394 (10.0)
.512 (13.0)
.512 (13.0)
.512 (13.0)
.630 (16.0)
.472 (12.0)
.787 (20.0)
.787 (20.0)
.984 (25.0)
1.26 (32.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
Parts highlighted in yellow are obsolete.
Notice and Disclaimer: All product drawings, descriptions, specifcations, statements, information and
data (collectively, the “Information”) in this datasheet or other publication are subject to change. The
customer is responsible for checking, confrming and verifying the extent to which the Information con-
tained in this datasheet or other publication is applicable to an order at the time the order is placed. All
Information given herein is believed to be accurate and reliable, but it is presented without any guaran-
tee, warranty, representation or responsibility of any kind, expressed or implied. Statements of suitability
for certain applications are based on the knowledge that the Cornell Dubilier company providing such
statements (“Cornell Dubilier”) has of operating conditions that such Cornell Dubilier company regards
as typical for such applications, but are not intended to constitute any guarantee, warranty or representa-
tion regarding any such matter – and Cornell Dubilier specifcally and expressly disclaims any guarantee,
warranty or representation concerning the suitability for a specifc customer application, use, storage,
transportation, or operating environment. The Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by Cornell Dubilier with reference
to the use of any Cornell Dubilier products is given gratis (unless otherwise specifed by Cornell Dubilier),
and Cornell Dubilier assumes no obligation or liability for the advice given or results obtained. Although
Cornell Dubilier strives to apply the most stringent quality and safety standards regarding the design
and manufacturing of its products, in light of the current state of the art, isolated component failures may
still occur. Accordingly, customer applications which require a high degree of reliability or safety should
employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies
or other appropriate protective measures) in order to ensure that the failure of an electrical component
does not result in a risk of personal injury or property damage. Although all product-related warnings,
cautions and notes must be observed, the customer should not assume that all safety measures are indi-
cated in such warnings, cautions and notes, or that other safety measures may not be required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com