Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN331M050ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SN331M050ST
Description  Radial Leaded Non-Polar Aluminum Electrolytic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN331M050ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SN331M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electrolytic Capacitors
85 ºC, Radial Leaded Non-Polar Aluminum Electrolytic
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Dissipation Factor @ 120 Hz, +25 ºC:
Load Life:
Shelf Life:
Outline Drawing
Type SN is a non-polar radial leaded aluminum elec-
trolytic capacitor with a +85 ºC, 1000 hours life rating.
The SN is ideal for applications where the polarity is
unknown or reversed such as signal coupling circuits
and speakers.
Highlights
•
Non-polar
•
+85 ºC
•
Good for unknown polarity applications
•
Available in T&R and ammo pack
0.47 to 2200 µF
6.3 to 100 WVNP
±20%
–40 ºC to +85 ºC
After 2 minutes, +20 ºC at rated voltage
I = .03CV + 4 µA Max
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 100
DF(%) 24 20 17 15 14 12 10
For capacitance values > 1000 µF, the DF (%) value
is increased 2% for every additional 1000 µF
Apply WVNP for 1,000 hours at +85 ºC with
polarity inverted every 250 hours
Capacitance change within 20% of initial limit
DC leakage current meets initial limits
ESR ≤ 200% of initial value
500 hrs with no voltage applied at +85 ºC
Cap change within 25% from initial limits
DC leakage ≤ 200% of initial value
ESR ≤ 200% of initial value
L
S ˜0.5
15 Min.
D
5
PVC Sleeve
d ˜0.05
Case vented on diameters 6.3 and greater.
Vinyl sleeve adds .5 Max. to diameter and 2.0 Max. to length.
Dimensions in (millimeters)


Similar Part No. - SN331M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SN331M050ST CDE-SN331M050ST Datasheet
419Kb / 4P
85 쨘C Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - SN331M050ST

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
NON−POLAR ALUMINUM ELECTROLYTIC
logo
NIC-Components Corp.
NSRN NIC-NSRN Datasheet
136Kb / 1P
Non-Polar Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NNR NIC-NNR_14 Datasheet
84Kb / 2P
Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
Non-Polar Aluminum Electrolytic Capacitors
logo
Dubilier
CEBNP DUBILIER-CEBNP Datasheet
250Kb / 2P
ALUMINIUM ELECTROLYTIC NON - POLAR RADIAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com