Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP331M250E3P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # LP331M250E3P3
Description  Stable ESR, Long Life, Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LP331M250E3P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  LP331M250E3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LP331M250E3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LP331M250E3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics LP331M250E3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LP 105 ºC Snap-In Aluminum Electrolytic Capacitors
Type LP radial snap-in aluminum electrolytic
capacitors are small in size and are rated for low
voltage applications. Their durable construction
guarantees a long life while operating up to 105 ºC
with a stable ESR. These features make the Type LP
ideal for use in switch-mode power supplies.
Stable ESR, Long Life, Snap-In
High Reliability
105 ºC
22 to 35 mm diameter with 10 mm lead spacing
Highlights
Specifications
Capacitance Range:
Voltage Range:
Capacitance tolerance:
Operating Temperature Range:
Dissipation Factor:
DC Leakage Test:
Voltage/Frequency Ripple Multipliers:
Temperature Ripple Multipliers:
100 to 47,000 µF
16 to 250 Vdc
±20%
–40 ºC to +105 ºC
I = .02CV
C = capacitance in µF
V = rated voltage
I = leakage current in µA
For values that are >1000 µF, the DF (%) increases
2% for every additional 1000 µF
DF at 120 Hz, +25 ºC
Vdc
16
25 - 35
50 - 63
100- 250
DF %
30
25
20
15
Rated
Ripple Multipliers
Vdc
60 Hz 100 Hz 300 Hz 1000 Hz 10 kHz 100 kHz
10 to 50 0.90 1.00
1.03
1.05
1.10
1.10
63 to 100 0.85 1.00
1.07
1.13
1.19
1.20
160 to 250 0.80 1.00
1.15
1.25
1.35
1.40
Temperature
Ripple Multiplier
+85 ºC
1.65
+65 ºC
2.25
+45 ºC
2.55
The maximum ripple current at 105 ºC and 120 Hz are
the Ratings Table. Adjust to other temperature and fre-
quencies using the tables here.
Load Life Test:
Shelf Life:
Vibration:
1,000 h @ full load at +105 ºC per EIA IS-749
∆Capacitance±20%
ESR 200% of limit
DCL 100% of limit
500h@105ºC,capacitance,≤200%ESRand
DC ±20%, initial requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h in each
plane
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - LP331M250E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LP331M250E3P3 CDE-LP331M250E3P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
More results

Similar Description - LP331M250E3P3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501 EPCOS-B43501 Datasheet
292Kb / 11P
Snap-In Capacitors Long Useful Life - 85
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
Aluminum Capacitors Power Ultra Long Life Snap-In
14-Oct-08
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
Aluminum Capacitors Power Long Life Snap-In
18-Aug-08
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE Datasheet
246Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
Aluminum Capacitors Power Long Life Snap-In
07-Apr-11
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
Very Long Life, Low ESR
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
Cornell Dubilier Electr...
3198 CDE-3198_17 Datasheet
2Mb / 3P
Very Long Life, Low ESR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com