Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9491ERZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL9491ERZ
Description  Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9491ERZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL9491ERZ Datasheet HTML 6Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 7Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 8Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 9Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 10Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 11Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 12Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 13Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ISL9491, ISL9491A
FN6531 Rev 1.00
Page 14 of 14
August 12, 2015
Package Outline Drawing
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 6, 02/08
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
INDEX AREA
(4X)
0.15
PIN 1
6
4.00
A
B
+0.15
-0.10
16X 0 . 60
2 . 10 ± 0 . 15
0.28 +0.07 / -0.05
PIN #1 INDEX AREA
5
8
4
0.10
C
M
12
9
4
0.65
12X
13
4X 1.95
16
1
6
A B
( 3 . 6 TYP )
( 2 . 10 )
( 12X 0 . 65 )
( 16X 0 . 28 )
( 16 X 0 . 8 )
SEE DETAIL "X"
BASE PLANE
1.00 MAX
0 . 2 REF
0 . 00 MIN.
0 . 05 MAX.
C
5
0.08 C
C
SEATING PLANE
0.10 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com