Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9491ERZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9491ERZ
Description  Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9491ERZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9491ERZ Datasheet HTML 1Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 2Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 3Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 4Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 5Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 6Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 7Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 8Page - Renesas Technology Corp ISL9491ERZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ISL9491, ISL9491A
FN6531 Rev 1.00
Page 2 of 14
August 12, 2015
Functional Pin Description
SYMBOL
FUNCTION
VSW
Input of the linear post-regulator.
PGND
Dedicated ground for the output gate driver of respective PWM.
CS
Current sense input; connect the sense resistor RSC at this pin for desired peak overcurrent value for the boost
FET.
SGND
Small signal ground for the IC.
TCAP
Capacitor for setting rise and fall time of the output voltage. Typical value is 0.1µF.
BYPASS
Connect a bypass capacitor of 1µF for the internal 5V.
VCC
Main power supply to the chip.
GATE
This pin connects to the Gate of the Boost FET.
VOUT
Output voltage for the LNB meant to be connected to the anode of a back diode in series with the LNB output.
VSENSE
This pin provides for a sensing and pull-down function for the VLNB and is meant to be connected to the cathode
of the back diode.
EXTM
This is an input for externally modulated DiSEqC tone signal, which is transferred symmetrically onto VLNB.
VSET0,
VSET1
Output voltage selection pins.
EN
When this pin is low, the output is disabled in a low power standby state. Setting EN = 1 enables the output
voltage.
FAULT
This an open drain output to be pulled up to the logic high through a resistor. A low indicates that the output
voltage is out of regulation.
ILIMIT
The ILIMIT is used to set the value of the output current limit from the linear. A resistor from ILIMIT to GND
programs this limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com