Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

331SB-RPT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 331SB-RPT
Description  CREST AUDIO NEXSYS CONTROL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

331SB-RPT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  331SB-RPT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT SELECTION HINT
To complement the NexSys
Control System link, consider
the Series 1312B 18-bit Audio
Transmission System which
provides DAT-grade audio per-
formance. See page 26.
Units in the 330B Series provide a priority two-wire data control scheme for operation of Crest Audio's
NexSys computer-controlled audio system. The basis of NexSys is amplifier control and monitoring. The
NexSys software features: multiple control panel views, organizational scene control, N-card control, plan
level snapshots, automated event scheduling, multilevel security options, and full MIDI functions. The
330B may be configured as a single point-to-point system or, using the 330B-RPT repeater, as a data path
linking numerous NexSys units.
• Two-Way Transmission Over Two Fibers.
• Data Rate 2 Mbps.
• For Multimode or Single-Mode Fiber.
• Optical AGC Circuitry.
• Diagnostic Indicators.
• ST Optical Ports (FC/PC Available
Optionally on Single-Mode Models).
• Modular Units.
SERIES 330B
CREST AUDIO NEXSYS™ CONTROL
Part
Product
Fiber
Attenuation
Wavelength
Number
Description
Code
Qty / Size
Max. (dB)
(in nm)
330B
© 1996 Fiber Options Inc., Bohemia, New York 11716-2533 USA
23
AUDIO
Other Specifications
Power Requirements : 12~16 VAC at 10 W.
Options : AC Adapter, order 611P, one for each unit.
Dimensions : 4.55" W x 7.0" D x 1.1" H. (11.56 x 17.8 x 2.8 cm).
330B-P
Transceiver
3B99
2 / 62.5 µ
13
850
330B-RPT
Repeater
3B99
2 / 62.5 µ
13
850
331B-RPT
Repeater
3B99
2 / 62.5 µ
13
1300
331SB-P
Transceiver
3S99
2 / 8.3 µ
13
1310
331SB-RPT
Repeater
3S99
2 / 8.3 µ
13
1310
331B-P
Transceiver
3B99
2 / 62.5 µ
13
1300
MULTIMODE SYSTEMS
SINGLE-MODE SYSTEMS


Similar Part No. - 331SB-RPT

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
331 PRODUCTWELL-331 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
331 AITSEMI-331 Datasheet
817Kb / 4P
POWER INDUCTOR
331 AITSEMI-331 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
Abbatron All Rights Res...
331 ABBATRON-331 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
331 KEYSTONE-331 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
More results

Similar Description - 331SB-RPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
878Kb / 80P
Crest Factor Reduction Processor
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
Crest Factor Reduction Processor
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Silan Microelectronics ...
SC9351 SILAN-SC9351 Datasheet
1Mb / 19P
AUDIO SYSTEM CONTROL MCU
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
Stereo Audio Volume Control
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com