Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC558 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC558
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC558 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC558 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC558 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
147
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC558/AC559
FREQUENCY - MHz
Gain vs Temperature AC558
Gain vs Temperature AC559
Noise Figure Vcc = 15
KEY: +25
°C
+85
°C
-55
°C
23.0
22.0
21.0
20.0
19.0
18.0
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point AC558
70
60
50
40
30
20
Intercept Point AC559
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
7.0
6.0
5.0
4.0
12.0
11.0
10.0
9.0
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
13.0
12.0
11.0
10.0
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
AC558
AC559 (15V)
AC558 (15V)
AC559
Vcc = 15
Vcc = 15
Vcc = 15
Vcc = 15
Model: AC559
Vcc=+15V
Icc=87.34
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.42
1.43
11.85
-174
-17.1
10
1.40
1.41
11.85
-179
-17.0
30
1.40
1.39
11.89
174
0.79
-17.0
50
1.40
1.38
11.89
168
0.75
-17.0
100
1.39
1.37
11.88
155
0.74
-17.0
200
1.39
1.32
11.80
129
0.72
-16.8
300
1.41
1.27
11.71
103
0.72
-16.6
400
1.43
1.24
11.62
77
0.74
-16.3
500
1.41
1.29
11.50
49
0.77
-15.8
600
1.31
1.47
11.32
20
0.82
-15.2
LINEAR S-PARAMETERS
Model: AC559
Vcc=+15V
Icc=87.34
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.17
-155.3
3.91
-174.1
0.140
7.7
0.18
174.1
10
0.17
-166.5
3.91
-178.9
0.141
3.4
0.17
174.9
30
0.17
-174.7
3.93
173.7
0.141
-1.0
0.16
172.9
50
0.17
-176.8
3.93
168.0
0.142
-3.6
0.16
171.1
100
0.16
-177.8
3.93
154.6
0.142
-8.8
0.15
165.1
200
0.16
-177.1
3.89
128.9
0.144
-18.2
0.14
154.0
300
0.17
-176.4
3.85
102.9
0.148
-28.1
0.12
147.9
400
0.18
177.0
3.81
76.6
0.154
-38.6
0.11
152.6
500
0.17
160.2
3.76
49.2
0.163
-50.4
0.13
161.3
600
0.13
127.0
3.68
20.4
0.174
-64.5
0.19
157.4
700
0.14
47.7
3.53
-11.0
0.187
-81.7
0.28
137.6
Model: AC559
Vcc=+12V
Icc=68.81
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.42
1.41
11.81
-175
-17.1
10
1.40
1.39
11.81
-179
-17.1
30
1.40
1.38
11.86
173
0.83
-17.0
50
1.40
1.37
11.85
168
0.83
-17.0
100
1.40
1.36
11.82
154
0.76
-17.0
200
1.42
1.31
11.73
128
0.73
-16.8
300
1.46
1.27
11.60
101
0.74
-16.6
400
1.48
1.26
11.47
75
0.75
-16.2
500
1.46
1.33
11.30
47
0.78
-15.7
600
1.37
1.52
11.08
18
0.83
-15.0
Model: AC558
Vcc=+15V
Icc=65.09
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.55
1.54
11.09
-175
-16.6
10
1.53
1.53
11.09
-179
-16.6
30
1.53
1.51
11.12
175
0.79
-16.5
50
1.53
1.50
11.11
170
0.60
-16.5
100
1.52
1.49
11.15
160
0.57
-16.5
200
1.50
1.44
11.14
139
0.59
-16.6
300
1.51
1.36
11.18
117
0.59
-16.6
400
1.54
1.28
11.21
96
0.61
-16.5
500
1.61
1.19
11.20
73
0.62
-16.5
600
1.68
1.18
11.11
50
0.66
-16.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com