Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC558 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC558
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC558 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC558 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC558 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
146
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006
TO-8 Package for Amplifiers
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
SMTO-8 Package for Amplifiers
2/99
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 0.5 dBm less below 200 MHz.
AS558/AS559
SPECIFICATIONS*
Typical Values
AC558
AC559
High Dynamic Range . . . . . . . . . . . . . . . . . . .
+114 dBm
+117 dBm
High Power Output . . . . . . . . . . . . . . . . . . . . .
+19.0 dBm
+22.0 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . .
+32.0 dBm
+35.0 dBm
High Performance Thin Film
Available in Surface Mount
Small Signal Gain (Min.)
11.0 dB
10.5 dB
10.0 dB
Gain Flatness (Max.)
±0.2 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
AC558
<5.2 dB
6.0 dB
6.5 dB
AC559
<5.7 dB
6.5 dB
7.0 dB
SWR (Max.)
Input/Output
<1.6:1
1.8:1
1.9:1
Power Output (Min.)
@ 1 dB comp.
AC558
+19.0 dBm
+18.0 dBm
+17.5 dBm
.
AC559
+22.0^ dBm
+21.0^ dBm
+20.5^ dBm
DC Current (Max.)
AC558
65.0 mA
68.0 mA
71.0 mA
AC559
88.0 mA
92.0 mA
96.0 mA
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
5-600 MHz
5-500 MHz
5-500 MHz
Typical @ 25° C; 200 MHz
AC558
AC559
Second Order Harmonic Intercept Point . . . . .
+56 dBm
+55 dBm
Second Order Two Tone Intercept Point. . . . . .
+50 dBm
+49 dBm
Third Order Two Tone Intercept Point. . . . . . . .
+32 dBm
+35 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+19 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
100 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature (AC558/AC559) . . . . . . . . . . . . . . . . . +105° C/+85° C
Thermal Resistance1 (
θjc; AC558) . . . . . . . . . . . . . . . . . . . .
+37° C/Watt
Thermal Resistance1 (
θjc; AC559) . . . . . . . . . . . . . . . . . . . .
+37° C/Watt
Junction Temperature Rise Above Case (Tjc; AC558) . . . .
+37.4° C
Junction Temperature Rise Above Case (Tjc; AC559) . . . .
+50.3° C
1 Thermal resistance is based on total power dissipation.
AC558/AC559
AC558
AC559
5 TO 500 MHz
TO-8 CASCADABLE AMPLIFIERS
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
DIMENSIONS ARE IN INCHES (MILLIMETERS)


Similar Part No. - AC558

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC558 TELEDYNE-AC558 Datasheet
176Kb / 2P
TO-8 CASCADABLE AMPLIFIERS
More results

Similar Description - AC558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC508 ETC-AC508 Datasheet
75Kb / 1P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC519 ETC-AC519 Datasheet
120Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC524 ETC-AC524 Datasheet
119Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC509 ETC1-AC509 Datasheet
107Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC581 TELEDYNE-AC581 Datasheet
175Kb / 2P
20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC582 TELEDYNE-AC582 Datasheet
175Kb / 2P
20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC1022 TELEDYNE-AC1022 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1523 TELEDYNE-AC1523 Datasheet
179Kb / 2P
5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
AC575 TELEDYNE-AC575 Datasheet
176Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC576 TELEDYNE-AC576 Datasheet
179Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com