Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5805MPWPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805MPWPR
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 25Page - Texas Instruments TAS5805MPWPR Datasheet HTML 26Page - Texas Instruments TAS5805MPWPR Datasheet HTML 27Page - Texas Instruments TAS5805MPWPR Datasheet HTML 28Page - Texas Instruments TAS5805MPWPR Datasheet HTML 29Page - Texas Instruments TAS5805MPWPR Datasheet HTML 30Page - Texas Instruments TAS5805MPWPR Datasheet HTML 31Page - Texas Instruments TAS5805MPWPR Datasheet HTML 32Page - Texas Instruments TAS5805MPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
-PVCC
29
TAS5805M
www.ti.com
SLASEH5 – MAY 2018
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 63. 1SPW Mode Modulation
9.4.5.3 Hybrid Modulation
Hybrid Modulation is designed for minimized power loss without compromising the THD+N performance, and is
optimized for battery-powered applications. With Hybrid modulation, TAS5805M will detect the input signal level
and adjust PWM duty cycle dynamically based on PVDD. Hybrid modulation achieves ultra low idle current and
maintains the same audio performance level as the Hybrid Modulation. In order to minimize the power
dissipation, low switching frequency (For example, Fsw=384kHz) with proper LC filter (15uH+0.68uF or
22uH+0.68uF) is recommended.
NOTE
To use the Hybrid Modulation, users need to enter the system's PVDD value on the
TAS5805M PPC3 App.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com