Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5805MPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805MPWPR
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 3Page - Texas Instruments TAS5805MPWPR Datasheet HTML 4Page - Texas Instruments TAS5805MPWPR Datasheet HTML 5Page - Texas Instruments TAS5805MPWPR Datasheet HTML 6Page - Texas Instruments TAS5805MPWPR Datasheet HTML 7Page - Texas Instruments TAS5805MPWPR Datasheet HTML 8Page - Texas Instruments TAS5805MPWPR Datasheet HTML 9Page - Texas Instruments TAS5805MPWPR Datasheet HTML 10Page - Texas Instruments TAS5805MPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
7
TAS5805M
www.ti.com
SLASEH5 – MAY 2018
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Free-air room temperature 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OCETHRES
Over-Current Error Threshold
OUTxx Overcurrent Error Threshold
5
A
OVETHRES(PVDD
PVDD over voltage error
threshold
28
V
UVETHRES(PVDD
PVDD under voltage error
threshold
4.2
V
OTETHRES
Over temperature error
threshold
160
°C
OTEHystersis
Over temperature error
hysteresis
10
°C
OTWTHRES
Over temperature warning
level
Read by register 0x73 bit3
135
°C
SPEAKER AMPLIFIER (STEREO BTL)
|VOS|
Amplifier offset voltage
Measured differentially with zero input data,
programmable gain configured with 29.5 Vp gain,
VPVDD = 24 V
–5
5
mV
PO(SPK)
Continuous Output power
(per channel)
VPVDD = 21V, SPK_GAIN = 24.8 Vp/FS, RSPK = 8
Ω, f = 1 kHz THD+N = 1%
23
W
VPVDD = 21 V, SPK_GAIN = 24.8 Vp/FS, RSPK = 8
Ω, f = 1 kHz THD+N = 10%
27.5
W
VPVDD = 18 V, SPK_GAIN = 20.8 Vp/FS, RSPK = 6
Ω, f = 1 kHz THD+N = 1%
21
W
VPVDD = 18 V, SPK_GAIN = 20.8 Vp/FS, RSPK = 6
Ω, f = 1 kHz THD+N = 10%
25
W
VPVDD = 12 V, SPK_GAIN = 13.9 Vp/FS, RSPK = 6
Ω, f = 1 kHz THD+N = 1%
9.9
W
VPVDD = 12 V, SPK_GAIN = 13.9 Vp/FS, RSPK = 6
Ω, f = 1 kHz THD+N = 10%
12
W
VPVDD = 13.5 V, SPK_GAIN = 15.6 Vp/FS, RSPK
= 6 Ω, f = 1 kHz THD+N = 1%
12
W
VPVDD = 13.5 V, SPK_GAIN = 15.6 Vp/FS, RSPK
= 6 Ω, f = 1 kHz THD+N = 10%
15
W
THD+NSPK
Total harmonic distortion and
noise
(PO = 1 W, f = 1 KHz, RSPK =
6 Ω)
VPVDD = 12 V, Fsw=768kHz, SPK_GAIN = 13.9
Vp/FS, LC-filter
0.03%
VPVDD = 18 V, Fsw=768kHz, SPK_GAIN = 20.8
Vp/FS, LC-filter
0.03%
ICN(SPK)
Idle channel noise(A-
weighted, AES17)
VPVDD = 12 V, Fsw=768kHz, LC-filter, Load=6 Ω
45
µVrms
VPVDD = 18 V, Fsw=768kHz, LC-filter ,Load=6 Ω
45
DR
Dynamic range
A-Weighted, -60 dBFS method. PVDD = 24 V,
SPK_GAIN = 29.5 Vp/FS
106
dB
SNR
Signal-to-noise ratio
A-Weighted, referenced to 1% THD+N output
level, PVDD=24V
111
dB
A-Weighted, referenced to 1% THD+N output
level, PVDD=13.5V
107.5
dB
KSVR
Power supply rejection ratio
Injected Noise = 1 KHz, 1 Vrms, PVDD = 12 V,
input audio signal = digital zero
72
dB
X-talkSPK
Cross-talk (worst case
between left-to-right and
right-to-left coupling)
f = 1 kHz
101
dB
SPEAKER AMPLIFIER (MONO PBTL)
|VOS|
Amplifier offset voltage
Measured differentially with zero input data,
programmable gain configured with 29.5 Vp gain,
VPVDD = 24 V
–5
5
mV
PO(SPK)
Continuous Output Power
VPVDD = 12 V, SPK_GAIN = 13.9 Vp/FS, RSPK = 4
Ω, f = 1kHz, THD+N = 1%
15.4
W
VPVDD = 12 V, SPK_GAIN = 13.9 Vp/FS, RSPK = 4
Ω, f = 1kHz, THD+N = 10%
18.5
W
VPVDD = 18V, SPK_GAIN = 22.1 Vp/FS, RSPK = 4
Ω, f = 1kHz, THD+N = 1%
33.6
W
VPVDD = 18 V, SPK_GAIN = 22.1 Vp/FS, RSPK = 4
Ω, f = 1KHz, THD+N = 10%
41
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com