Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN16258 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN16258
Description  ~25째 spot beam. Compatible with up to 30 mm LES size COBs.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16258 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN16258 Datasheet HTML 1Page - Ledil, Inc. FN16258 Datasheet HTML 2Page - Ledil, Inc. FN16258 Datasheet HTML 3Page - Ledil, Inc. FN16258 Datasheet HTML 4Page - Ledil, Inc. FN16258 Datasheet HTML 5Page - Ledil, Inc. FN16258 Datasheet HTML 6Page - Ledil, Inc. FN16258 Datasheet HTML 7Page - Ledil, Inc. FN16258 Datasheet HTML 8Page - Ledil, Inc. FN16258 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
FN16258_STELLA-RS
STELLA-RS
~25° spot beam. Compatible with up to 30 mm
LES size COBs.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 90 mm
Height
39.2 mm
Fastening
screw
Colour
black
Box size
480 x 280 x 300 mm
Box weight
9.8 kg
Quantity in Box
90 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STELLA-RS
Lens
Silicone
clear
STELLA-FRAME
Holder
PA66
black
Last update: 17/01/2018
Subject to change without prior notice
1/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN16258

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN16214 LEDIL-FN16214 Datasheet
5Mb / 6P
~3째 spot beam
More results

Similar Description - FN16258

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15734 LEDIL-FN15734_18 Datasheet
7Mb / 6P
~25째 spot beam with holder B compatible
C11506 LEDIL-C11506 Datasheet
1Mb / 4P
~25째 spot beam compatible with Molex connectors.
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
FCP15704 LEDIL-FCP15704 Datasheet
12Mb / 8P
~25째 spot beam . Compatible with ultra high power LEDs.
FCP15708 LEDIL-FCP15708 Datasheet
5Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
FN15379 LEDIL-FN15379_18 Datasheet
12Mb / 12P
IESNA Type V (square) for wide areas lighting such as car parks. Compatible with up to 30 mm LES size COBs.
C16263 LEDIL-C16263 Datasheet
2Mb / 5P
~25째 spot beam compatible
F15255 LEDIL-F15255 Datasheet
5Mb / 3P
Version compatible with COBs of 13.5 x 13.5 mm packages and max 11.6 mm LES size
C13557 LEDIL-C13557 Datasheet
3Mb / 8P
~25째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com