Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN16258 Datasheet(PDF) 5 Page - Ledil, Inc.

Part # FN16258
Description  ~25째 spot beam. Compatible with up to 30 mm LES size COBs.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16258 Datasheet(HTML) 5 Page - Ledil, Inc.

  FN16258 Datasheet HTML 1Page - Ledil, Inc. FN16258 Datasheet HTML 2Page - Ledil, Inc. FN16258 Datasheet HTML 3Page - Ledil, Inc. FN16258 Datasheet HTML 4Page - Ledil, Inc. FN16258 Datasheet HTML 5Page - Ledil, Inc. FN16258 Datasheet HTML 6Page - Ledil, Inc. FN16258 Datasheet HTML 7Page - Ledil, Inc. FN16258 Datasheet HTML 8Page - Ledil, Inc. FN16258 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRODUCT
DATASHEET
FN16258_STELLA-RS
PHOTOMETRIC DATA (MEASURED):
LED
COB H-Type
FWHM
30.0°
Efficiency
94 %
Peak intensity
2.200 cd/lm
Required components:
LED
COB J-Type
FWHM
20.0°
Efficiency
94 %
Peak intensity
5.000 cd/lm
Required components:
Last update: 17/01/2018
Subject to change without prior notice
5/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com