Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACTF2005
Description  SAW filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACTF2005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACTF2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3. Performance
3-1.Maximum Ratings
Rating
Value
DC Voltage
VDC
+15 V max.
AC Voltage
VPP
10V 50Hz / 60Hz
Storage temperature
Tstg
-45
°C to +85 °C
Operation temperature
TA
-10
°C to +65 °C
RF Power Dissipation
P
0 dBm
3-2.Electrical characteristics
Item
F2005
F2006
F378
Unit
Centre Frequency
155.0
163.0
281.0
MHz
Insertion Loss
fC -100.0MHz to fC -46.8MHz
50 min.
50 min.
50 min.
dB
fC
-46.8MHz to fC -38.8MHz
50 min.
50 min.
50 min.
dB
fC ±4.0MHz
6.5 max.
6.5 max.
4.5 max.
dB
fC +38.8MHz to 2.5×fC
42 min.
42 min.
45 min.
dB
Input/Output Impedance
210 // -12.3
210 // -11.0
150 // 0
Ω // pF
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com