Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACTF2005
Description  SAW filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACTF2005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACTF2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACTF2005 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
This specification is applied to SAW filters ACTF2005/155.0/QCC8C (155MHz),
AND ACTF2006/163.0/QCC8C (163MHz) and ACTF378/281.0/QCC8C (281MHz)
for pager applications.
1. Package Dimension (QCC8C)
2. Test Circuits
Pin
Configuration
2
Input / Output
6
Output / Input
1,3, 5,7
To be Grounded
4,8
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF2005

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
SAW filters
SEPT 04
ACTF2005 ACT-ACTF2005 Datasheet
218Kb / 5P
SAW filter
March 2010
ACTF2005 ACT-ACTF2005 Datasheet
389Kb / 4P
SAW filters
ACTF2005-155.0-QCC8C ACT-ACTF2005-155.0-QCC8C Datasheet
389Kb / 4P
SAW filters
ACTF2005/155.0/QCC8C ACT-ACTF2005/155.0/QCC8C Datasheet
147Kb / 5P
SAW filters
SEPT 04
More results

Similar Description - ACTF2005

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SAFC162MC70N MURATA-SAFC162MC70N Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
logo
Advanced Crystal Techno...
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
SAW filters
SEPT 04
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
IF SAW Filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
SAW Devices(SAW Filters)
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
IF SAW Filters
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
1575.42MHz SAW filters
logo
TDK Electronics
B39171B3883Z710 TDK-B39171B3883Z710 Datasheet
157Kb / 6P
SAW filters for infrastructure systems
logo
Advanced Crystal Techno...
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
SAW filters
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
SAW filters
March 2010
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
SAW filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com