Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9621 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9621
Description  Wideband Voltage Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9621 Datasheet(HTML) 1 Page - Analog Devices

  AD9621 Datasheet HTML 1Page - Analog Devices AD9621 Datasheet HTML 2Page - Analog Devices AD9621 Datasheet HTML 3Page - Analog Devices AD9621 Datasheet HTML 4Page - Analog Devices AD9621 Datasheet HTML 5Page - Analog Devices AD9621 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9621*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
CONNECTION DIAGRAM
1
2
3
4
8
7
6
5
AD9621
NC #
–INPUT
+INPUT
–V
S
NC #
+V
S
OUTPUT
NC
# OPTIONAL CAPACITOR CB CONNECTED HERE
DECREASES SETTLING TIME
FEATURES
350 MHz Small Signal Bandwidth
130 MHz Large Signal BW (4 V p-p)
High Slew Rate: 1200 V/ s
Fast Settling: 11 ns to 0.01%/7 ns to 0.1%
3 V Supply Operation
APPLICATIONS
ADC Input Driver
Differential Amplifiers
IF/RF Amplifiers
Pulse Amplifiers
Professional Video
DAC Current-to-Voltage
Baseband and Video Communications
Pin Diode Receivers
Active Filters/lntegrators/Log Amps
GENERAL DESCRIPTION
The AD9621 is one of a family of very high speed and wide
bandwidth amplifiers utilizing a voltage feedback architecture.
These amplifiers define a new level of performance for voltage
feedback amplifiers, especially in the categories of large signal
bandwidth, slew rate, settling, and low noise.
Proprietary design architectures have resulted in an amplifier
family that combines the most attractive attributes of both cur-
rent feedback and voltage feedback amplifiers. The AD9621 ex-
hibits extraordinarily accurate and fast pulse response
characteristics (7 ns settling to 0.1%) as well as extremely wide
small and large signal bandwidth previously found only in cur-
rent feedback amplifiers. When combined with balanced high
impedance inputs and low input noise current more common to
voltage feedback architectures, the AD9621 offers performance
not previously available in a monolithic operational amplifier.
*Protected by U.S. Patent 5,150,074 and others pending.
Other members of the AD962X amplifier family are the
AD9622 (G = +2), AD9623 (G = +4), and the AD9624
(G = +6). A separate data sheet is available from Analog De-
vices for each model. Each generic device has been designed for
a different minimum stable gain setting, allowing users flexibility
in optimizing system performance. Dynamic performance speci-
fications such as slew rate, settling time, and distortion vary
from model to model. The table below summarizes key perfor-
mance attributes for the AD962X family and can be used as a
selection guide.
The AD9621 is offered in industrial and military temperature
ranges. Industrial versions are available in plastic DIP, SOIC,
and cerdip; MIL versions are packaged in cerdips.
PRODUCT HIGHLIGHTS
1. Wide Large Signal Bandwidth
2. High Slew Rate
3. Fast Settling
4. Output Short-Circuit Protected
Parameter
AD9621
AD9622
AD9623
AD9624
Units
Minimum Stable Gain
+1
+2
+4
+6
V/V
Harmonic Distortion (20 MHz)
–52
–66
–64
–66
dB
Large Signal Bandwidth (4 V p-p)
130
160
190
200
MHz
SSBW (0.5 V p-p)
350
220
270
300
MHz
Slew Rate
1200
1500
2100
2200
V/
µs
Rise/Fall Time (0.5 V Step)
2.4
1.7
1.6
1.5
ns
Settling Time (to 0.1%/0.01%)
7/11
8/14
8/14
8/14
ns
Input Noise (0.1 MHz – 200 MHz)
80
49
36
32
µV rms
Wideband Voltage
Feedback Amplifier


Similar Part No. - AD9621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9621 AD-AD9621 Datasheet
45Kb / 2P
Wideband Voltage Feedback Amplifier
REV.0
AD9621 AD-AD9621_15 Datasheet
265Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
More results

Similar Description - AD9621

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9621 AD-AD9621 Datasheet
45Kb / 2P
Wideband Voltage Feedback Amplifier
REV.0
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9621 AD-AD9621_15 Datasheet
265Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9623 AD-AD9623_15 Datasheet
145Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9622 AD-AD9622_15 Datasheet
278Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9624 AD-AD9624_15 Datasheet
269Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com