Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-12 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-12
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-12 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-12 Datasheet HTML 1Page - Mini-Circuits ADE-12 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 50 to 1000 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD541
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
4
IF
3
GROUND
1,2,5
Outline Drawing
Electrical Specifications
REV. F
M158496
ADE-12+
ED-6103/1
DJ/TD/CP/AM
161018
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
U
L
U
f
L-fU
—
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
50-1000
DC-1000
7.0
0.15
8.0
9.0
40
25
33
22
44
26
37
20
17
A
B
C
D
E
F
G
.272
.310
.220
.100
.082
.055
.100
6.91
7.87
5.59
2.54
2.08
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.15
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-12+
L = low range [f
L to 10 fL]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
50.00
80.00
7.27
51.50
46.30
2.68
1.39
70.00
100.00
7.27
49.70
44.50
2.65
1.41
80.00
110.00
7.18
48.90
43.90
2.68
1.42
100.00
130.00
7.18
47.70
42.50
2.68
1.41
117.86
147.86
7.19
46.30
41.80
2.76
1.43
185.71
215.71
7.23
43.40
39.00
2.68
1.41
253.57
283.57
7.08
41.00
37.40
2.55
1.42
321.43
351.43
7.04
39.30
35.50
2.61
1.40
389.29
419.29
6.94
37.90
35.20
2.68
1.39
457.14
487.14
6.85
37.00
34.20
2.61
1.35
500.00
530.00
6.90
36.70
33.60
2.61
1.30
525.00
555.00
6.93
36.50
33.20
2.55
1.27
592.86
622.86
6.96
35.60
33.90
2.65
1.27
660.71
690.71
6.84
35.80
34.80
2.80
1.25
728.57
758.57
6.85
35.30
34.80
2.84
1.21
796.43
826.43
6.87
34.70
37.00
2.80
1.21
800.00
830.00
6.92
34.70
37.00
2.84
1.22
864.29
894.29
6.87
34.70
36.10
3.06
1.17
932.14
962.14
6.85
34.70
28.40
3.26
1.23
1000.00
1030.00
6.91
35.60
25.60
3.44
1.26
Features
• low conversion loss, 7.0 dB typ.
• excellent IP3, 17 dBm typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
• VHF/UHF
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200
13”
500,1000


Similar Part No. - ADE-12

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-12H MINI-ADE-12H Datasheet
299Kb / 2P
low conversion loss, 6.7 dB typ
ADE-12H+ MINI-ADE-12H+ Datasheet
299Kb / 2P
low conversion loss, 6.7 dB typ
ADE-12MH MINI-ADE-12MH Datasheet
259Kb / 2P
Frequency Mixer
ADE-12MH+ MINI-ADE-12MH+ Datasheet
259Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-12

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com