Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-12H Datasheet (PDF) - Mini-Circuits

ADE-12H Datasheet PDF - Mini-Circuits
Part # ADE-12H
Download  ADE-12H Download
File Size   299.07 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description low conversion loss, 6.7 dB typ

ADE-12H Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE-12H Datasheet PDF - Mini-Circuits

Part # ADE-12H
Download  ADE-12H Click to download

File Size   299.07 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description low conversion loss, 6.7 dB typ

ADE-12H Datasheet (HTML) - Mini-Circuits




Similar Part No. - ADE-12H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-12 MINI-ADE-12 Datasheet
283Kb / 2P
Frequency Mixer
ADE-12+ MINI-ADE-12+ Datasheet
283Kb / 2P
Frequency Mixer
ADE-12MH MINI-ADE-12MH Datasheet
259Kb / 2P
Frequency Mixer
ADE-12MH+ MINI-ADE-12MH+ Datasheet
259Kb / 2P
Frequency Mixer
More results


Similar Description - ADE-12H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
Insertion Loss 5 dB Typ
PE70A6001 PASTERNACK-PE70A6001 Datasheet
470Kb / 8P
Insertion Loss 6 dB typ
logo
Ferroxcube Internationa...
3C95 FERROXCUBE-3C95 Datasheet
1Mb / 8P
Low power loss, wide temperature for power conversion
3C97 FERROXCUBE-3C97 Datasheet
1Mb / 8P
Low power loss, wide temperature for power conversion
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515 Datasheet
1Mb / 8P
11 dB Conversion Gain
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com