Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-12H Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-12H
Description  low conversion loss, 6.7 dB typ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-12H Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-12H Datasheet HTML 1Page - Mini-Circuits ADE-12H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 17 (LO Power +17 dBm) 500 to 1200 MHz
Frequency Mixer
High IP3
CASE STYLE: CD542
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
4
IF
3
GROUND
1,2,5
Outline Drawing
Electrical Specifications
REV. G
M151107
ADE-12H+
ED-6460/2
DJ/TD/CP/AM
150518
1 dB COMP.: +14 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Max.
f
L-fU
X
σ
Typ. Min.
Typ. Min.
Typ.
500-1200
DC-250
6.7
0.20
8.2
34
25
28
20
28
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
Electrical Schematic
ADE-12H+
500.00
530.00
6.78
39.10
33.60
6.05
3.50
539.38
569.38
6.29
38.60
33.70
4.64
3.26
581.85
611.85
6.47
37.90
35.00
5.49
3.21
600.00
630.00
6.60
37.70
35.20
4.12
3.21
627.67
657.67
6.14
36.60
34.00
3.64
2.96
650.00
680.00
6.10
36.20
33.80
4.64
2.92
677.10
707.10
6.29
36.60
35.40
4.22
3.01
700.00
730.00
6.16
36.20
34.60
3.21
3.01
730.43
760.43
6.12
35.30
32.90
3.44
3.01
750.00
780.00
6.43
35.00
33.60
3.86
2.92
787.95
817.95
6.21
34.70
32.60
3.06
2.92
800.00
830.00
6.32
34.60
31.90
2.96
2.84
850.00
880.00
6.41
35.20
31.30
3.64
2.96
900.00
930.00
6.33
34.60
28.90
2.92
2.88
950.00
980.00
6.24
34.70
30.20
3.32
2.61
1000.00
1030.00
6.00
34.90
29.20
2.92
2.43
1050.00
1080.00
6.15
35.60
30.00
3.16
2.49
1100.00
1130.00
6.44
35.60
29.20
2.88
2.55
1150.00
1180.00
6.50
34.90
27.90
3.16
2.61
1200.00
1230.00
6.78
34.10
28.30
2.96
2.76
Features
• low conversion loss, 6.7 dB typ.
• good L-R isolation, 34 dB typ.
• high IP3, 28 dBm typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
500, 1000


Similar Part No. - ADE-12H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-12 MINI-ADE-12 Datasheet
283Kb / 2P
Frequency Mixer
ADE-12+ MINI-ADE-12+ Datasheet
283Kb / 2P
Frequency Mixer
ADE-12MH MINI-ADE-12MH Datasheet
259Kb / 2P
Frequency Mixer
ADE-12MH+ MINI-ADE-12MH+ Datasheet
259Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-12H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
Insertion Loss 5 dB Typ
PE70A6001 PASTERNACK-PE70A6001 Datasheet
470Kb / 8P
Insertion Loss 6 dB typ
logo
Ferroxcube Internationa...
3C95 FERROXCUBE-3C95 Datasheet
1Mb / 8P
Low power loss, wide temperature for power conversion
3C97 FERROXCUBE-3C97 Datasheet
1Mb / 8P
Low power loss, wide temperature for power conversion
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515 Datasheet
1Mb / 8P
11 dB Conversion Gain
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com